Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7339 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7339
Description  3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7339 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7339 Datasheet HTML 2Page - STMicroelectronics TDA7339 Datasheet HTML 3Page - STMicroelectronics TDA7339 Datasheet HTML 4Page - STMicroelectronics TDA7339 Datasheet HTML 5Page - STMicroelectronics TDA7339 Datasheet HTML 6Page - STMicroelectronics TDA7339 Datasheet HTML 7Page - STMicroelectronics TDA7339 Datasheet HTML 8Page - STMicroelectronics TDA7339 Datasheet HTML 9Page - STMicroelectronics TDA7339 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MSB
F6
F5
F4
F3
F2
F1
LSB
1st VOLUME
0
F6F5
F4
F3F2
F1
0
2nd VOLUME
0
F6F5
F4
F3F2
F1
1
TREBLE
10
0
F4
F3
F2
F1
F0
MIDDLE
10
1
F4
F3
F2
F1
F0
BASS
11
0
F4
F3
F2
F1
F0
MUTMUX
11
1
F4
F3
F2
F1
F0
POWER ON RESET:
1st volume = 2nd volume = Mute
Treble = Middle = Bass = -14dB
Mutmux = Active Input IN 1
FUNCTION CODES
TDA7339 ADDRESS
MSB
first byte
LSB
MSB
LSB
MSB
LSB
S
1
00
0
0
1A
0
ACK
DATA
ACK
DATA
ACK
P
Data Transferred (N-bytes + Acknowledge)
ACK = Acknowledge
S = Start
P = Stop
MAX CLOCK SPEED 100kbits/s
SOFTWARE SPECIFICATION
Chip address
1
MSB
00
00
1
A
0
LSB
A = Logic level ON pin ADDR
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (s)
A chip address byte, containing the TDA7339
address (the 8th bit of the byte must be 0). The
TDA7339 must always acknowledge at the end
of each transmitted byte.
A sequence of data (N-bytes + acknowledge)
A stop condition (P)
TDA7339
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com