Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

117ASD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 117ASD
Description  Aluminum Capacitors Axial, Smallest Diameter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

117ASD Datasheet(HTML) 2 Page - Vishay Siliconix

  117ASD Datasheet HTML 1Page - Vishay Siliconix 117ASD Datasheet HTML 2Page - Vishay Siliconix 117ASD Datasheet HTML 3Page - Vishay Siliconix 117ASD Datasheet HTML 4Page - Vishay Siliconix 117ASD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 28324
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 22-Apr-08
169
117 ASD
Aluminum Capacitors
Axial, Smallest Diameter
Vishay BCcomponents
DIMENSIONS in millimeters AND AVAILABLE FORMS
Table 1
Note
1. Detailed tape dimensions see section ‘PACKAGING’.
Note
Unless otherwise specified, all electrical values in Table 1 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 117 series
10 µF/16 V; - 10/+ 50 %
Nominal case size: Ø 3.3 x 11 mm; Form BA
Former 12NC: 2222 117 35109
Ordering code: MAL211735109E3
Table 1
L
max.
63.5
1.5
D
d
F
Form BR: Taped on reel
Form BA: Taped in box
Case Ø D x L = 3.3 x 8 mm and 8 x 11 mm
Fig.2 Components insulated with a blue plastic sleeve
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
AXIAL: FORM BA AND BR
MASS
(g)
PACKAGING QUANTITIES
Ø d
Ø Dmax.
Lmax.
Fmin
FORM
BA
FORM
BR
3.3 x 8
1a
0.6
3.5
9
12.5
≈ 0.3
1000
4000
3.3 x 11
1
0.6
3.5
12
15
≈ 0.35
1000
4000
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance - 10 to + 50 %
IR
rated RMS ripple current at 100 Hz , 85 °C
IL5
max. leakage current after 5 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85
°C
(mA)
IL5
5min
(µA)
tan
δ
100 Hz
Z
10 kHz
(
Ω)
ORDERING CODE MAL2117.......
ON REEL
FORM BR
IN BOX
FORM BA
6.3
10
3.3 x 8
11
3
0.30
20
23109E3
33109E3
22
3.3 x 11
20
3
0.30
9
23229E3
33229E3
10
6.8
3.3 x 8
10
3
0.25
24
24688E3
34688E3
16
4.7
3.3 x 8
9
3
0.20
26
25478E3
35478E3
10
3.3 x 11
16
3
0.20
12
25109E3
35109E3
25
3.3
3.3 x 8
8
3
0.18
27
26338E3
36338E3
6.8
3.3 x 11
14
3
0.18
13
26688E3
36688E3
40
2.2
3.3 x 8
7
3
0.16
32
27228E3
37228E3
4.7
3.3 x 11
13
3
0.16
15
27478E3
37478E3
63
0.47
3.3 x 8
4
3
0.10
120
28477E3
38477E3
1
3.3 x 8
6
3
0.12
55
28108E3
38108E3
2.2
3.3 x 11
11
3
0.14
25
28228E3
38228E3
3.3
3.3 x 11
13
3
0.14
17
28338E3
38338E3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com