Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

117ASD Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 117ASD
Description  Aluminum Capacitors Axial, Smallest Diameter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

117ASD Datasheet(HTML) 3 Page - Vishay Siliconix

  117ASD Datasheet HTML 1Page - Vishay Siliconix 117ASD Datasheet HTML 2Page - Vishay Siliconix 117ASD Datasheet HTML 3Page - Vishay Siliconix 117ASD Datasheet HTML 4Page - Vishay Siliconix 117ASD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28324
170
Revision: 22-Apr-08
117 ASD
Vishay BCcomponents
Aluminum Capacitors
Axial, Smallest Diameter
RIPPLE CURRENT AND USEFUL LIFE
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.02 CR x UR +3µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +3µA
Inductance
Equivalent series inductance (ESL)
Case Ø D x L = 3.3 x 8 mm
typ. 13 nH
Case Ø D x L = 3.3 x 11 mm
typ. 15 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
δ
max. and CR (see Table 1)
ESR = tan
δ/2 π f C
R
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
CCC205
lifetime multiplier
(1)
I
A
I
R
T
amb (°C)
I
A = actual ripple current at 100 Hz
I
R = rated ripple current at 100 Hz, 85 °C
(1) Useful life at 85 °C and IR applied: 2000 hours
Fig.3 Multiplier of useful life as a function of ambient temperature and ripple current load



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com