Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7343D Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7343D
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7343D Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7343D Datasheet HTML 1Page - STMicroelectronics TDA7343D Datasheet HTML 2Page - STMicroelectronics TDA7343D Datasheet HTML 3Page - STMicroelectronics TDA7343D Datasheet HTML 4Page - STMicroelectronics TDA7343D Datasheet HTML 5Page - STMicroelectronics TDA7343D Datasheet HTML 6Page - STMicroelectronics TDA7343D Datasheet HTML 7Page - STMicroelectronics TDA7343D Datasheet HTML 8Page - STMicroelectronics TDA7343D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TDA7343
DIGITALLY CONTROLLED AUDIO PROCESSOR
INPUT MULTIPLEXER
- TWO STEREO AND ONE MONO INPUTS
- SELECTABLE INPUT GAIN FOR OPTIMAL
ADAPTATION TO DIFFERENT SOURCES
FULLY
PROGRAMMABLE
LOUDNESS
FUNCTION
VOLUME CONTROL IN 0.3dB STEPS IN-
CLUDING GAIN UP TO 20dB
ZERO
CROSSING
MUTE
AND
DIRECT
MUTE
SOFT MUTE CONTROLLED BY SOFTWARE
OR HARDWARE PIN
BASS AND TREBLE CONTROL
FOUR SPEAKER ATTENUATORS
- FOUR INDEPENDENT SPEAKERS
CONTROL IN 1.25dB STEPS FOR
BALANCE AND FADER FACILITIES
- INDEPENDENT MUTE FUNCTION
ALL FUNCTIONS PROGRAMMABLE VIA SE-
RIAL I
2 CBUS
DESCRIPTION
The TDA7343 is an upgrade of the TDA7313
audioprocessor.
Thanks to the used BIPOLAR/CMOS technology,
very low distortion, low noise and DC-stepping
are obtained.
Due to a highly linear signal processing, using
CMOS-switching techniques instead of standard
bipolar multipliers, very low distortion and very
low noise are obtained Several new features like
softmute, zero-crossing mute and pause detector
are implemented.
The Soft Mute function can be activated in two
ways:
1 Via serial bus (bit D0, Mute Byte)
2 Directly on pin 22 through an I/O line of the
microcontroller
Very low DC stepping is obtained by use of a
BICMOS technology.
November 1999
®
ORDERING NUMBER: TDA7343 (DIP28)
TDA7343D (SO28)
DIP28
SO28
1/14


Similar Part No. - TDA7343D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7340 STMICROELECTRONICS-TDA7340 Datasheet
115Kb / 16P
AUDIO SIGNAL PROCESSOR
Sep-1999
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
AUDIO SIGNAL PROCESSOR
Sep-1999
TDA7340P STMICROELECTRONICS-TDA7340P Datasheet
115Kb / 16P
AUDIO SIGNAL PROCESSOR
Sep-1999
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
221Kb / 20P
Digitally controlled audio processor
20-Nov-2006
More results

Similar Description - TDA7343D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1994
TDA7437 STMICROELECTRONICS-TDA7437 Datasheet
181Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Dec-1999
TDA7438 STMICROELECTRONICS-TDA7438 Datasheet
150Kb / 17P
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Oct-2003
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
Digitally controlled audio processor
20-Nov-2006
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
Digitally controlled audio processor
03-Aug-2006
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
Digitally Controlled Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com