Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7343D Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7343D
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7343D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7343D Datasheet HTML 6Page - STMicroelectronics TDA7343D Datasheet HTML 7Page - STMicroelectronics TDA7343D Datasheet HTML 8Page - STMicroelectronics TDA7343D Datasheet HTML 9Page - STMicroelectronics TDA7343D Datasheet HTML 10Page - STMicroelectronics TDA7343D Datasheet HTML 11Page - STMicroelectronics TDA7343D Datasheet HTML 12Page - STMicroelectronics TDA7343D Datasheet HTML 13Page - STMicroelectronics TDA7343D Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0.31dB Fine Attenuation Steps
0
0
0dB
0
1
-0.31dB
1
0
-0.62dB
1
1
-0.94dB
1.25dB Coarse Attenuation Steps
000
0dB
0
0
1
-1.25dB
0
1
0
-2.5dB
0
1
1
-3.75dB
1
0
0
-5dB
1
0
1
-6.25dB
1
1
0
-7.5dB
1
1
1
-8.75dB
10dB Gain / Attenuation Steps
00
0
20dB
00
1
10dB
01
0
0dB
0
1
1
-10dB
1
0
0
-20dB
1
0
1
-30dB
1
1
0
-40dB
1
1
1
-50dB
For example to select -47.81dB Volume the Data Byte is: 1 1 0 1 1 0 0 1
Power on RESET: All Bytes Set to 1 1 1 1 1 1 1 0
Volume
Purchase of I
2C Components of STMicrolectronics, conveys a license under the Philips I2C Patent
Rights to use these components in an I
2C system, provided that the system conforms to the I2C
Standard Specifications as defined by Philips.
TDA7343
11/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com