Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7345D Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7345D
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7345D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7345D Datasheet HTML 8Page - STMicroelectronics TDA7345D Datasheet HTML 9Page - STMicroelectronics TDA7345D Datasheet HTML 10Page - STMicroelectronics TDA7345D Datasheet HTML 11Page - STMicroelectronics TDA7345D Datasheet HTML 12Page - STMicroelectronics TDA7345D Datasheet HTML 13Page - STMicroelectronics TDA7345D Datasheet HTML 14Page - STMicroelectronics TDA7345D Datasheet HTML 15Page - STMicroelectronics TDA7345D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SURROUND & OUT & EFFECT CONTROL
MSB
LSB
SELECTION
SELECTION
SURROUND
1
0
0
SIMULATED
1
0
1
MUSIC
1
1
0
MOVIE
1
1
1
OFF
SELECTION
EFFECT CONTROL
10000
-6
10001
-7
10010
-8
10011
-9
10100
-10
10101
-11
10110
-12
10111
-13
11000
-14
11001
-15
11010
-16
11011
-17
11100
-18
11101
-19
11110
-20
11111
-21
For example to select the music mode, out fix, effect control =-9dB:
1 0 0 11101
TDA7345
12/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com