Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7345D Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7345D
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7345D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7345D Datasheet HTML 2Page - STMicroelectronics TDA7345D Datasheet HTML 3Page - STMicroelectronics TDA7345D Datasheet HTML 4Page - STMicroelectronics TDA7345D Datasheet HTML 5Page - STMicroelectronics TDA7345D Datasheet HTML 6Page - STMicroelectronics TDA7345D Datasheet HTML 7Page - STMicroelectronics TDA7345D Datasheet HTML 8Page - STMicroelectronics TDA7345D Datasheet HTML 9Page - STMicroelectronics TDA7345D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SPEAKER ATTENUATORS (REC_OUT_L, REC_OUT_R)
Crange
Control Range
35
37.5
40
dB
SSTEP
Step Resolution
0.5
1.25
1.75
dB
EA
Attenuation set error
-1.5
1.5
dB
AMUTE
Output Mute Attenuation
80
90
dB
VDC
DC Steps
adjacent att. steps
-3
0
3
mV
SPEAKER ATTENUATORS (LOUT, ROUT)
Crange
Control Range
70
75
dB
SSTEP
Step Resolution
Av = 0 to -40dB
0.5
1.25
1.75
dB
EA
Attenuation set error
Av = 0 to 20dB
-1.5
0
1.5
dB
Av = -20 to -60dB
-3
0
2
dB
VDC
DC Steps
adjacent att. steps
-3
0
3
mV
AMUTE
Output Mute Attenuation
80
90
dB
AUDIO OUTPUTS (LOUT, ROUT, REC_OUT_L, REC_OUT_R)
VOCL
Clipping Level
d = 0.3%
2
2.5
Vrms
ROUT
Output resistance
100
200
300
Ω
VOUT
DC Voltage Level
4.2
4.5
4.8
V
GENERAL
NO(OFF)
Output Noise (OFF)
BW = 20Hz to 20KHz
Output LOUT, ROUT,
Output: REC-OUT-L,
REC-OUT-R
8
8
15
15
µVrms
µVrms
NO(MOV)
Output Noise (Movie)
Mode =Movie ,
BW = 20Hz to 20KHz
Rout and Lout measurement
30
µVrms
NO(MUS)
Output Noise (Music)
Mode = Music ,
BW = 20Hz to 20KHz,
Rout and Lout measurement
30
µVrms
NO(MON)
Output Noise (Simulated)
Mode = Simulated,
BW = 20Hz to 20KHz
Rout and Lout measurement
30
µVrms
d
Distorsion
Av = 0 ; Vin = 1Vrms
0.02
0.1
%
SC
Channel Separation
60
70
dB
BUS INPUTS
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
-5
+5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
0.8
V
Note:
(1) Bass and Treble response: The center frequency and the resonance quality can be choosen by
the external circuitry. A standard first order bass response can be realized by a standard feedback network.
(2) The peack voltage of the two input signals must be less then
VS
2
:
(Lin + Rin) peak
• AVin <
VS
2
TDA7345
6/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com