Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7346 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7346
Description  DIGITAL CONTROLLED SURROUND SOUND MATRIX
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7346 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7346 Datasheet HTML 4Page - STMicroelectronics TDA7346 Datasheet HTML 5Page - STMicroelectronics TDA7346 Datasheet HTML 6Page - STMicroelectronics TDA7346 Datasheet HTML 7Page - STMicroelectronics TDA7346 Datasheet HTML 8Page - STMicroelectronics TDA7346 Datasheet HTML 9Page - STMicroelectronics TDA7346 Datasheet HTML 10Page - STMicroelectronics TDA7346 Datasheet HTML 11Page - STMicroelectronics TDA7346 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
INPUT ATTENUATION
MSB
LSB
0.3125 dB STEPS
I
A5A4A3
A2A1A0
0
000
0
0
0
0
1
-0.3125
0
0
1
0
-0.625
0
0
1
1
-0.9375
0
1
0
0
-1.25
0
1
0
1
-1.5625
0
1
1
0
-1.875
0
1
1
1
-2.1875
2.5 dB STEPS
0
000
0
0
0
0
1
-2.5
0
010
-5
0
0
1
1
-7.5
0
100
-10
0
1
0
1
-12.5
0
110
-15
0
1
1
1
-17.5
I = 0 Attenuation Input R
I = 1 Attenuation Input L
Example: to program an R input attenuation equal to -11.25 you have to send 00100100
EFFECT CONTROL (-6 / -21dB)
MSB
LSB
1dB STEPS
B3
B2
B1
B0
1
M1
M0
1
0
000
-6
1
M1
M0
1
0
001
-7
1
M1
M0
1
0
010
-8
1
M1
M0
1
0
011
-9
1
M1
M0
1
0
100
-10
1
M1
M0
1
0
101
-11
1
M1
M0
1
0
110
-12
1
M1
M0
1
0
111
-13
1
M1
M0
1
1
000
-14
1
M1
M0
1
1
001
-15
1
M1
M0
1
1
010
-16
1
M1
M0
1
1
011
-17
1
M1
M0
1
1
100
-18
1
M1
M0
1
1
101
-19
1
M1
M0
1
1
110
-20
1
M1
M0
1
1
111
-21
TDA7346
8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com