Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7346 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7346
Description  DIGITAL CONTROLLED SURROUND SOUND MATRIX
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7346 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7346 Datasheet HTML 1Page - STMicroelectronics TDA7346 Datasheet HTML 2Page - STMicroelectronics TDA7346 Datasheet HTML 3Page - STMicroelectronics TDA7346 Datasheet HTML 4Page - STMicroelectronics TDA7346 Datasheet HTML 5Page - STMicroelectronics TDA7346 Datasheet HTML 6Page - STMicroelectronics TDA7346 Datasheet HTML 7Page - STMicroelectronics TDA7346 Datasheet HTML 8Page - STMicroelectronics TDA7346 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS (refer to the test circuit Tamb =25
°C, VS = 9V, RL = 10KΩ,
RG = 600
Ω, all controls flat (G = 0),Effect Ctrl = -6dB, MODE = OFF; f = 1KHz
unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
7
9
10.2
V
IS
Supply Current
10
mA
SVR
Ripple Rejection
LCH /RCH out, Mode = OFF
60
80
dB
INPUT STAGE
RII
Input Resistance
100
K
VCL
Clipping Level
THD = 0.3%; Lin or Rin
2
2.5
Vrms
THD = 0.3%; Rin + Lin (2)
3.0
Vrms
CRANGE
Control Range
20
dB
AVMIN
Min. Attenuation
-1
0
1
dB
AVMAX
Max. Attenuation
20
dB
ASTEP
Step Resolution
0.31
dB
VDC
DC Steps
adjacent att. step
0
mV
EFFECT CONTROL
CRANGE
Control Range
- 21
- 6
dB
SSTEP
Step Resolution
1
dB
680nF
C16
HP1
HP2
L-in
0.1
µF
C17
Lout
Rout
AGND
DIG GND
SCL
ADDR
LP1
1.2nF
C6
LP
REAR
R-in
0.1
µF
C7
5.6nF
C15
TDA7346
SDA
PS1
100nF
C14
PS2
4.7nF
C13
CREF
22
µF
C3
PS3
22nF
C4
PS4
22nF
C5
100nF
C2
10
µFC1
VS
D93AU040C
6798
5
16
19
1
20
3
12
10
11
13
14
15
2
4
17
18
TEST CIRCUIT
TDA7346
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com