Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7348D Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7348D
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7348D Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7348D Datasheet HTML 1Page - STMicroelectronics TDA7348D Datasheet HTML 2Page - STMicroelectronics TDA7348D Datasheet HTML 3Page - STMicroelectronics TDA7348D Datasheet HTML 4Page - STMicroelectronics TDA7348D Datasheet HTML 5Page - STMicroelectronics TDA7348D Datasheet HTML 6Page - STMicroelectronics TDA7348D Datasheet HTML 7Page - STMicroelectronics TDA7348D Datasheet HTML 8Page - STMicroelectronics TDA7348D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TDA7348
DIGITALLY CONTROLLED AUDIO PROCESSOR
PRODUCT PREVIEW
INPUT MULTIPLEXER
- THREE STEREO AND ONE MONO INPUTS
- SELECTABLE INPUT GAIN FOR OPTIMAL
ADAPTATION TO DIFFERENT SOURCES
VOLUME CONTROL IN 0.3dB STEPS IN-
CLUDING GAIN UP TO 20dB
ZERO
CROSSING
MUTE
AND
DIRECT
MUTE
PAUSE DETECTOR WITH PROGRAMMABLE
THRESHOLD
SOFT MUTE CONTROLLED BY SOFTWARE
OR HARDWARE PIN
BASS AND TREBLE CONTROL
FOUR SPEAKER ATTENUATORS
- FOUR INDEPENDENT SPEAKERS
CONTROL IN 1.25dB STEPS FOR
BALANCE AND FADER FACILITIES
- INDEPENDENT MUTE FUNCTION
ALL FUNCTIONS PROGRAMMABLE VIA SE-
RIAL I
2 CBUS
DESCRIPTION
The TDA7348 is an upgrade of the TDA7318
audioprocessor.
Thanks to the used BIPOLAR/CMOS technology,
very low distortion, low noise and DC-stepping
are obtained.
Due to a highly linear signal processing, using
CMOS-switching techniques instead of standard
bipolar multipliers, very low distortion and very
low noise are obtained Several new features like
softmute, zero-crossing mute and pause detector
are implemented.
The Soft Mute function can be activated in two
ways:
1 Via serial bus (bit D0, Mute Byte)
2 Directly on pin 22 through an I/O line of the
microcontroller
Very low DC stepping is obtained by use of a
BICMOS technology.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
November 1994
ORDERING NUMBER: TDA7348 (DIP28)
TDA7348D (SO28)
DIP28
SO28
1/14


Similar Part No. - TDA7348D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7348D STMICROELECTRONICS-TDA7348D Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
TDA7348D013TR STMICROELECTRONICS-TDA7348D013TR Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
More results

Similar Description - TDA7348D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7437 STMICROELECTRONICS-TDA7437 Datasheet
181Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Dec-1999
TDA7438 STMICROELECTRONICS-TDA7438 Datasheet
150Kb / 17P
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Oct-2003
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
Digitally controlled audio processor
20-Nov-2006
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
Digitally controlled audio processor
03-Aug-2006
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
Digitally Controlled Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com