Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7350A Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7350A Datasheet HTML 14Page - STMicroelectronics TDA7350A Datasheet HTML 15Page - STMicroelectronics TDA7350A Datasheet HTML 16Page - STMicroelectronics TDA7350A Datasheet HTML 17Page - STMicroelectronics TDA7350A Datasheet HTML 18Page - STMicroelectronics TDA7350A Datasheet HTML 19Page - STMicroelectronics TDA7350A Datasheet HTML 20Page - STMicroelectronics TDA7350A Datasheet HTML 21Page - STMicroelectronics TDA7350A Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
BALANCE INPUT IN BRIDGE CONFIGURATION
A helpful characteristic of the TDA7350A is that,in
bridge configuration, a signal present on both the
input capacitors is amplified by the same amount
and it is present in phase at the outputs,so this
signal does not produce effects on the load.The
typical value of CMRR is 46 dB.
Looking at fig 45, we can see that a noise signal
from the ground of the power amplifier to the
ground of the hypothetical preamplifier is ampli-
fied of a factor equal to the gain of the amplifier
(2
• Gv).
Using a configuration of fig. 46 the same ground
noise is present at the output multiplied by the
factor 2
• Gv/200.
This means less distortion,less noise (e.g. motor
cassette noise ) and/or a simplification of the lay-
out of PC board.
The only limitation of this balanced input is the
maximum amplitude of common mode signals
(few tens of millivolt) to avoid a loss of output
power due to the common mode signal on the
output, but in a large number of cases this signal
is within this range.
HIGH GAIN ,LOW NOISE APPLICATION
The following section describes a flexible pream-
plifier having the purpose to increase the gain of
the TDA7350A.
Figure 45
Figure 46
Figure 44
TDA7350A
19/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com