Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7350A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7350A
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7350A Datasheet HTML 1Page - STMicroelectronics TDA7350A Datasheet HTML 2Page - STMicroelectronics TDA7350A Datasheet HTML 3Page - STMicroelectronics TDA7350A Datasheet HTML 4Page - STMicroelectronics TDA7350A Datasheet HTML 5Page - STMicroelectronics TDA7350A Datasheet HTML 6Page - STMicroelectronics TDA7350A Datasheet HTML 7Page - STMicroelectronics TDA7350A Datasheet HTML 8Page - STMicroelectronics TDA7350A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuits, Tamb =25
°C, VS = 14.4V, f = 1KHz unless
otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
8
18
V
Id
Total Quiescent Drain Current
stereo configuration
120
mA
ASB
Stand-by attenuation
60
80
dB
ISB
Stand-by Current
100
µA
Tsd
Thermal Shut-down Junction
Temperature
150
°C
STEREO
Po
Output Power (each channel)
d = 10%
RL =2
Ω
RL = 3.2
Ω
RL =4
Ω
d = 10%; VS = 13.2V
RL =2
Ω
RL = 3.2
Ω
RL =4
Ω
7
11
8
6.5
9
6.5
5.5
W
W
W
W
W
W
d
Distortion
Po = 0.1 to 4W; RL = 3.2
Ω
0.5
%
SVR
Supply Voltage Rejection
Rg = 10k
Ω
C3 = 22
µF
f = 100Hz
C3 = 100
µF
45
50
57
dB
CT
Crosstalk
f = 1KHz
f = 10KHz
45
55
50
dB
dB
RI
Input Resistance
30
50
K
Ω
GV
Voltage Gain
27
29
31
dB
GV
Voltage Gain Match
1
dB
EIN
Input Noise Voltage
Rg =50
Ω (*)
Rg = 10K
Ω (*)
Rg= 50
Ω (**)
Rg = 10K
Ω (**)
1.5
2
2
2.7
7
µV
µV
µV
µV
BRIDGE
Po
Output Power
d = 10%; RL =4
Ω
d = 10%; RL = 3.2
Ω
d = 10%; VS = 13.2V
RL =4
Ω
RL = 3.2
Ω
16
20
22
17.5
19
W
W
W
W
d
Distortion
Po = 0.1 to 10W; RL =4
Ω
1%
VOS
Output Offset Voltage
250
mV
SVR
Supply Voltage Rejection
Rg = 10K
Ω
C3 = 22
µF
f = 100Hz
C3 = 100
µF
45
50
57
dB
RI
Input Resistance
50
K
Ω
GV
Voltage Gain
33
35
37
dB
EIN
Input Noise Voltage
Rg =50
Ω (*)
Rg = 10K
Ω (*)
Rg =50
Ω (**)
Rg = 10K
Ω (**)
2
2.5
2.7
3.2
µV
µV
µV
µV
(*) Curve A
(**) 22Hz to 22KHz
TDA7350A
3/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com