Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7350 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7350
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7350 Datasheet HTML 2Page - STMicroelectronics TDA7350 Datasheet HTML 3Page - STMicroelectronics TDA7350 Datasheet HTML 4Page - STMicroelectronics TDA7350 Datasheet HTML 5Page - STMicroelectronics TDA7350 Datasheet HTML 6Page - STMicroelectronics TDA7350 Datasheet HTML 7Page - STMicroelectronics TDA7350 Datasheet HTML 8Page - STMicroelectronics TDA7350 Datasheet HTML 9Page - STMicroelectronics TDA7350 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
RECOMMENDED VALUES OF THE EXTERNAL COMPONENTS (ref to the Stereo Test and Applica-
tion Circuit)
Component
Recommended
Value
Purpose
Larger than the Recomm.
Value
Smaller than the Recomm.
Value
C1
0.22
µF
Input
Decoupling
(CH1)
——
C2
0.22
µF
Input
Decoupling
(CH2)
——
C3
100
µF
Supply Voltage
Rejection
Filtering
Capacitor
Longer Turn-On Delay Time
Worse Supply Voltage Rejection.
Shorter Turn-On Delay Time
Danger of Noise (POP)
C4
22
µF
Stand-By
ON/OFF Delay
Delayed Turn-Off by Stand-By
Switch
Danger of Noise (POP)
C5
220
µF (min)
Supply By-Pass
Danger of Oscillations
C6
100nF (min)
Supply By-Pass
Danger of Oscillations
C7
2200
µF
Output
Decoupling
CH2
- Decrease of Low Frequency Cut Off
- Longer Turn On Delay
- Increase of Low Frequency Cut Off
- Shorter Turn On Delay
Figure 5: Output Power vs. Supply Voltage
(Stereo)
Figure 6: Output Power vs. Supply Voltage
(Stereo)
Figure 8: Output Power vs. Supply Voltage
(Bridge)
Figure 7: Output Power vs. Supply Voltage
(Stereo)
TDA7350A
6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com