Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7350 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7350
Description  22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7350 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7350 Datasheet HTML 1Page - STMicroelectronics TDA7350 Datasheet HTML 2Page - STMicroelectronics TDA7350 Datasheet HTML 3Page - STMicroelectronics TDA7350 Datasheet HTML 4Page - STMicroelectronics TDA7350 Datasheet HTML 5Page - STMicroelectronics TDA7350 Datasheet HTML 6Page - STMicroelectronics TDA7350 Datasheet HTML 7Page - STMicroelectronics TDA7350 Datasheet HTML 8Page - STMicroelectronics TDA7350 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TDA7350A
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
VERY FEW EXTERNAL COMPONENTS
NO BOUCHEROT CELLS
NO BOOSTRAP CAPACITORS
HIGH OUTPUT POWER
NO SWITCH ON/OFF NOISE
VERY LOW STAND-BY CURRENT
FIXED GAIN (30dB STEREO)
PROGRAMMABLE TURN-ON DELAY
Protections:
OUTPUT
AC-DC
SHORT
CIRCUIT
TO
GROUND AND TO SUPPLY VOLTAGE
VERY INDUCTIVE LOADS
LOUDSPEAKER PROTECTION
OVERRATING CHIP TEMPERATURE
LOAD DUMP VOLTAGE
FORTUITOUS OPEN GROUND
ESD
DESCRIPTION
The TDA7350A is a new technology class AB
Audio Power Amplifier in the Multiwatt
®
package
designed for car radio applications.
Thanks to the fully complementary PNP/NPN out-
put configuration the high power performance of
the TDA7350A is obtained without bootstrap ca-
pacitors.
A delayed turn-on mute circuit eliminates audible
on/off noise, and a novel short circuit protection
system prevents spurious intervention with highly
inductive loads.
April 1995
APPLICATION CIRCUIT BRIDGE
MULTIWATT 11
ORDERING NUMBER: TDA7350A
1/22


Similar Part No. - TDA7350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
491Kb / 23P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Feb-2005
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Feb-2005
More results

Similar Description - TDA7350

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
10 10W STEREO AMPLIFIER FOR CAR RADIO
Mar-1995
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7382 STMICROELECTRONICS-TDA7382 Datasheet
312Kb / 10P
4 x 22W FOUR BRIDGE CHANNELS CAR RADIO AMPLIFIER
Sep-1999
TDA7255 STMICROELECTRONICS-TDA7255 Datasheet
341Kb / 6P
22W FRONT REAR OR BRIDGE FULLY PROTECTED CAR RADIO AMPLIFIER
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
12W AF Power Amplifier for Car Radio, Car Stereo
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Feb-2005
logo
Unisonic Technologies
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com