Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7382 Datasheet (PDF) - STMicroelectronics

TDA7382 Datasheet PDF - STMicroelectronics
Part # TDA7382
Download  TDA7382 Download
File Size   312.42 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 22W FOUR BRIDGE CHANNELS CAR RADIO AMPLIFIER

TDA7382 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7382 Datasheet PDF - STMicroelectronics

Part # TDA7382
Download  TDA7382 Click to download

File Size   312.42 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 22W FOUR BRIDGE CHANNELS CAR RADIO AMPLIFIER

TDA7382 Datasheet (HTML) - STMicroelectronics


TDA7382 Product details

DESCRIPTION
The TDA7382 is a new technology class AB Audio Power Amplifier in Flexiwatt 25 package designed for high end car radio applications.
   
■ HIGH OUTPUT POWER CAPABILITY:
    4 x 30W max./4Ω EIAJ
    4 x 22W/4Ω @ 14.4V, 1KHz, 10%
    4 x 18.5W/4Ω @ 13.2V, 1KHz, 10%
■ CLIPPING DETECTOR (THD = 10%)
■ LOW DISTORTION
■ LOW OUTPUT NOISE
■ ST-BY FUNCTION
■ MUTE FUNCTION
■ AUTOMUTE AT MIN. SUPPLY VOLTAGE DETECTION
■ LOW EXTERNAL COMPONENT COUNT:
    – INTERNALLY FIXED GAIN (26dB)
    – NO EXTERNAL COMPENSATION
    – NO BOOTSTRAP CAPACITORS
   
PROTECTIONS:
■ OUTPUT SHORT CIRCUIT TO GND, TO VS,
    ACROSS THE LOAD
■ VERY INDUCTIVE LOADS
■ OVERRATING CHIP TEMPERATURE WITH
    SOFT THERMAL LIMITER
■ LOAD DUMP VOLTAGE
■ FORTUITOUS OPEN GND
■ REVERSED BATTERY
■ ESD PROTECTION
   




Similar Part No. - TDA7382

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7381 STMICROELECTRONICS-TDA7381 Datasheet
294Kb / 10P
4 x 25W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7381 STMICROELECTRONICS-TDA7381 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7381 STMICROELECTRONICS-TDA7381 Datasheet
326Kb / 15P
4 x 25 W quad bridge car radio amplifier
16-Sep-2013
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7381 STMICROELECTRONICS-TDA7381_V01 Datasheet
326Kb / 15P
4 x 25 W quad bridge car radio amplifier
16-Sep-2013
More results


Similar Description - TDA7382

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7255 STMICROELECTRONICS-TDA7255 Datasheet
341Kb / 6P
22W FRONT REAR OR BRIDGE FULLY PROTECTED CAR RADIO AMPLIFIER
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
Feb-2005
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com