Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7382 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7382
Description  4 x 22W FOUR BRIDGE CHANNELS CAR RADIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7382 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7382 Datasheet HTML 2Page - STMicroelectronics TDA7382 Datasheet HTML 3Page - STMicroelectronics TDA7382 Datasheet HTML 4Page - STMicroelectronics TDA7382 Datasheet HTML 5Page - STMicroelectronics TDA7382 Datasheet HTML 6Page - STMicroelectronics TDA7382 Datasheet HTML 7Page - STMicroelectronics TDA7382 Datasheet HTML 8Page - STMicroelectronics TDA7382 Datasheet HTML 9Page - STMicroelectronics TDA7382 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
signed in order to obtain a virtually pop-free tran-
sition has to be slower than 2.5V/ms.
CLIPPING DETECTOR
The CLIPPING DETECTOR acts in a way to out-
put a signal as soon as one or more outputs
reach or trespass a typical THD level of 10%.
As a result, the clipping-related signal at pin 25
takes the form of pulses, which are syncronized
with each single clipping event in the music pro-
gram.
Applications making use of this facility
usually operate a filtering/integration of the pulses
train through passive R-C networks and realize a
volume (or tone bass) stepping down in associa-
tion with microprocessor-driven audioprocessors.
The maximum load that pin 25 can sustain is
1K
Ω.
Due to its operating principles, the clipping detec-
tor has to be viewed mainly as a power-depend-
ent feature rather than frequency-dependent.This
means that clipping state causing THD = 10%
typ. will be immediately signaled out whenever a
fixed power level is reached, regardless of
the
audio frequency.
In other words, this feature offers the means to
counteract the extremely sound-damaging effects
of heavy clipping, caused by a sudden increase of
odd order harmonics and appearance of serious
intermodulation phenomena.
VREF
R
Vpin 25
25
D97AU810
TDA7382
Figure 12: Diagnostics circuit.
AUDIO
OUTPUT
SIGNAL
CLIPPING
DET.
OUTPUT
CURR.
time
D97AU811
VO
ICLIP
0
Figure 13: Clipping Detection Waveforms.
t
t
t
MUTE PIN
VOLTAGE
Vs
OUTPUT
WAVEFORM
Vpin 25
WAVEFORM
D97AU812A
CLIPPING
ST-BY PIN
VOLTAGE
t
Figure 14: Diagnostics Waveforms.
TDA7382
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com