Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7360 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7360
Description  22W BRIDGE / STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7360 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7360 Datasheet HTML 6Page - STMicroelectronics TDA7360 Datasheet HTML 7Page - STMicroelectronics TDA7360 Datasheet HTML 8Page - STMicroelectronics TDA7360 Datasheet HTML 9Page - STMicroelectronics TDA7360 Datasheet HTML 10Page - STMicroelectronics TDA7360 Datasheet HTML 11Page - STMicroelectronics TDA7360 Datasheet HTML 12Page - STMicroelectronics TDA7360 Datasheet HTML 13Page - STMicroelectronics TDA7360 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Stereo/Bridge Switching
There is also no need for external components for
changing from stereo to bridge configuration (figg.
23-26). A simple short circuit between two pins al-
lows phase reversal at one output, yet maintain-
ing the quiescent output voltage.
Stand-by
The device is also equipped with a stand-by func-
tion, so that a low current, and hence low cost
switch, can be used for turn on/off.
Stability
The device is provided with an internal compen-
sation wich allows to reach low values of closed
loop gain.
In this way better performances on S/N ratio and
SVR can be obtained.
Figure 23: Block Diagram; Stereo Configuration
Figure 24: Mute Function Diagram
TDA7360
10/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com