Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7360 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7360
Description  22W BRIDGE / STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7360 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7360 Datasheet HTML 1Page - STMicroelectronics TDA7360 Datasheet HTML 2Page - STMicroelectronics TDA7360 Datasheet HTML 3Page - STMicroelectronics TDA7360 Datasheet HTML 4Page - STMicroelectronics TDA7360 Datasheet HTML 5Page - STMicroelectronics TDA7360 Datasheet HTML 6Page - STMicroelectronics TDA7360 Datasheet HTML 7Page - STMicroelectronics TDA7360 Datasheet HTML 8Page - STMicroelectronics TDA7360 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuits, Tamb =25
°C, VS = 14.4V, f = 1KHz unless
otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
8
18
V
Id
Total Quiescent Drain Current
stereo configuration
120
mA
ASB
Stand-by attenuation
60
80
dB
ISB
Stand-by Current
100
µA
ICO
Clip Detector Average Current
Pin 2 pull up to 5V
d = 1%
with 10K
d= 5%
70
µA
130
µA
STEREO
PO
Output Power (each channel)
d = 10%
RL = 1.6
RL =2
RL = 3.2
RL =4
7
12
11
8
6.5
W
W
W
W
d
Distortion
PO = 0.1 to 4W RL = 3.2
0.05
0.5
%
SVR
Supply Voltage Rejection
Rg = 10K
C3 = 22
µF
f = 100Hz
C3 = 100
µF
45
62
dB
dB
CT
Crosstalk
f = 1KHz
f = 10KHz
45
55
dB
dB
RI
Input Resistance
50
K
GV
Voltage Gain
20
dB
GV
Voltage Gain Match
1
dB
EIN
Input Noise Voltage
22 Hz to 22KHz
Rg = 50
Rg = 10K
Rg =
2.5
3
3.5
5
7
BRIDGE
VOS
Output Offset Voltage
250
mV
Po
Output Power
d = 10%; RL =4
d = 10%; RL = 3.2
16
20
22
W
W
d
Distortion
Po = 0.1 to 10W; RL = 3.2
0.05
1
%
SVR
Supply Voltage Rejection
Rg = 10K
C3 = 22
µF
f = 100Hz
C3 = 100
µF
45
62
dB
dB
RI
Input Resistance
50
K
GV
Voltage Gain
26
dB
EIN
Input Noise Voltage
22Hz to 22KHz
Rg =50
Rg = 10K
3.5
4
µV
µV
µV
µV
TDA7360
3/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com