Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7375H Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7375H
Description  2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375H Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7375H Datasheet HTML 5Page - STMicroelectronics TDA7375H Datasheet HTML 6Page - STMicroelectronics TDA7375H Datasheet HTML 7Page - STMicroelectronics TDA7375H Datasheet HTML 8Page - STMicroelectronics TDA7375H Datasheet HTML 9Page - STMicroelectronics TDA7375H Datasheet HTML 10Page - STMicroelectronics TDA7375H Datasheet HTML 11Page - STMicroelectronics TDA7375H Datasheet HTML 12Page - STMicroelectronics TDA7375H Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
High Application Flexibility
The availability of 4 independent channels makes
it possible to accomplish several kinds of applica-
tions ranging from 4 speakers stereo (F/R) to 2
speakers bridge solutions.
In case of working in single ended conditions the
polarity of the speakers driven by the inverting
amplifier must be reversed respect to those driven
by non inverting channels.
This is to avoid phase inconveniences causing
sound alterations especially during the reproduc-
tion of low frequencies.
Easy Single Ended to Bridge Transition
The change from single ended to bridge configu-
rations is made simply by means of a short circuit
across the inputs, that is no need of further exter-
nal components.
Gain Internally Fixed to 20dB in Single Ended,
26dB in Bridge
Advantages of this design choice are in terms of:
components and space saving
output noise, supply voltage rejection and dis-
tortion optimization.
Silent Turn On/Off and Muting/Stand-by Func-
tion
The stand-by can be easily activated by means of
a CMOS level applied to pin 7 through a RC filter.
Under stand-by condition the device is turned off
completely (supply current = 1
µA typ.; output at-
tenuation= 80dB min.).
Every ON/OFF operation is virtually pop free.
Furthemore, at turn-on the device stays in muting
condition for a time determined by the value as-
signed to the SVR capacitor.
While in muting the device outputs becomes in-
sensitive to any kinds of signal that may be pre-
sent at the input terminals. In other words every
transient coming from previous stages produces
no unplesant acoustic effect to the speakers.
STAND-BY DRIVING (pin 7)
Some precautions have to be taken in the defini-
tion of stand-by driving networks: pin 7 cannot be
directly driven by a voltage source whose current
capability is higher than 5mA. In practical cases
a series resistance has always to be inserted,
having it the double purpose of limiting the cur-
rent at pin 7 and to smooth down the stand-by
ON/OFF transitions - in combination with a ca-
pacitor - for output pop prevention.
In any case, a capacitor of at least 100nF from
pin 7 to S-GND, with no resistance in between, is
necessary to ensure correct turn-on.
OUTPUT STAGE
The fully complementary output stage was made
possible by the development of a new compo-
nent: the ST exclusive power ICV PNP.
A novel design based upon the connection shown
in fig. 20 has then allowed the full exploitation of
its possibilities.
The clear advantages this new approach has over
classical output stages are as follows:
Rail-to-Rail Output Voltage Swing With No
Need of Bootstrap Capacitors.
The output swing is limited only by the VCEsat
of the output transistors, which is in the range
of 0.3
Ω (Rsat) each.
Classical solutions adopting composite PNP-
NPN for the upper output stage have higher
saturation loss on the top side of the waveform.
This unbalanced saturation causes a signifi-
cant power reduction. The only way to recover
power consists of the addition of expensive
bootstrap capacitors.
Absolute Stability Without Any External
Compensation.
Referring to the circuit of fig. 20 the gain
VOut/VIn is greater than unity, approximately 1+
R2/R1. The DC output (VCC/2) is fixed by an
auxiliary amplifier common to all the channels.
By controlling the amount of this local feedback it
is possible to force the loop gain (A*
β)to less
than unity at frequency for which the phase shift
is 180
°. This means that the output buffer is in-
trinsically stable and not prone to oscillation.
Most remarkably, the above feature has been
achieved in spite of the very low closed loop
gain of the amplifier.
In contrast, with the classical PNP-NPN stage,
the solution adopted for reducing the gain at
high frequencies makes use of external RC
networks, namely the Boucherot cells.
BUILT–IN SHORT CIRCUIT PROTECTION
Figure 20: The New Output Stage
TDA7375
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com