Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7375H Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7375H
Description  2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7375H Datasheet HTML 7Page - STMicroelectronics TDA7375H Datasheet HTML 8Page - STMicroelectronics TDA7375H Datasheet HTML 9Page - STMicroelectronics TDA7375H Datasheet HTML 10Page - STMicroelectronics TDA7375H Datasheet HTML 11Page - STMicroelectronics TDA7375H Datasheet HTML 12Page - STMicroelectronics TDA7375H Datasheet HTML 13Page - STMicroelectronics TDA7375H Datasheet HTML 14Page - STMicroelectronics TDA7375H Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TION
As various kinds of information is available at the
same pin (clipping detection, output fault, thermal
proximity), this signal must be handled properly in
order to discriminate each event.
This could be done by taking into account the dif-
ferent timing of the diagnostic output during each
case.
SOFT SHORT
OUT TO Vs SHORT
FAULT DETECTION
CORRECT TURN-ON
OUT TO GND SHORT
t
t
t
ST-BY PIN
VOLTAGE
2V
OUTPUT
WAVEFORM
Vpin 10
CHECK AT TURN-ON
(TEST PHASE)
SHORT TO GND
OR TO Vs
D94AU149A
Figure 24: Fault Waveforms
t
t
t
ST-BY PIN
VOLTAGE
Vs
OUTPUT
WAVEFORM
Vpin 10
WAVEFORM
SHORT TO GND
OR TO Vs
D94AU150
CLIPPING
THERMAL
PROXIMITY
Figure 25: Waveforms
TDA7375
11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com