Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1544CD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1544CD
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1544CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV1544CD Datasheet HTML 5Page - Texas Instruments TLV1544CD Datasheet HTML 6Page - Texas Instruments TLV1544CD Datasheet HTML 7Page - Texas Instruments TLV1544CD Datasheet HTML 8Page - Texas Instruments TLV1544CD Datasheet HTML 9Page - Texas Instruments TLV1544CD Datasheet HTML 10Page - Texas Instruments TLV1544CD Datasheet HTML 11Page - Texas Instruments TLV1544CD Datasheet HTML 12Page - Texas Instruments TLV1544CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
extended sampling, asynchronous start of sampling: CSTART operation
The extended sampling mode of operation programs the acquisition time (tACQ) of the sample-and-hold circuit.
This allows the analog inputs of the device to be directly interfaced to a wide range of input source impedances.
The extended sampling mode consumes higher power depending on the duration of the sampling period
chosen.
CSTART controls the sampling period and starts the conversion. The falling edge of CSTART initiates the
sampling period of a preset channel. The low time of CSTART controls the acquisition time of the input
sample-and-hold circuit. The sample is held on the rising edge of CSTART. Asserting CSTART causes the
converter to perform a new sample of the signal on the preset valid MUX channel (one of the eight) and discard
the current conversion result ready for output. Sampling continues as long as CSTART is active (negative). The
rising edge of CSTART ends the sampling cycle. The conversion cycle starts two internal system clocks after
the rising edge of CSTART.
Once the conversion is complete, the processor can initiate a normal I/O cycle to read the conversion result and
set the MUX address for the next conversion. Since the internal flag AsyncFlag is set high, this flag setting
indicates the cycle is an output cycle, so no conversion is performed during the cycle. The internal state machine
tests the AsyncFlag on the falling edge of CS. AsyncFlag is set high at the rising edge of CSTART, and it is reset
low at the rising edge of each CS. A conversion cycle follows a sampling cycle only if AsyncFlag is tested as
low at the falling edge of CS. As shown in Figure 2, an asynchronous I/O cycle can be removed by two
consecutive normal I/O cycles.
Table 4. TLV1544/1548 Hardware Configuration for Different Operating Modes
OPERATING MODES
CS
CSTART
AsyncFlag at CS
↓
ACTION
Normal sampling
Low
High
Low
Fixed 6 I/O CLK sampling, synchronous conversion follows
Normal I/O (read out only)
Low
High
High
No sampling, no conversion
Extended sampling
High
Low
N/A
Flexible sampling period controlled by CSTART,
asynchronous conversion follows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com