Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1544CD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1544CD
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1544CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV1544CD Datasheet HTML 6Page - Texas Instruments TLV1544CD Datasheet HTML 7Page - Texas Instruments TLV1544CD Datasheet HTML 8Page - Texas Instruments TLV1544CD Datasheet HTML 9Page - Texas Instruments TLV1544CD Datasheet HTML 10Page - Texas Instruments TLV1544CD Datasheet HTML 11Page - Texas Instruments TLV1544CD Datasheet HTML 12Page - Texas Instruments TLV1544CD Datasheet HTML 13Page - Texas Instruments TLV1544CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
tACQ
Aa
Ab
Ab
Ac
Ad
XDa
Db
Db
Dc
CS
CSTART
DATA IN
EOC
DATA OUT
Async Flag
Read Out
Cycle
Read Out
Cycle
Read Out
Cycle
FS
(DSP Mode)
Complete Extended
Sample Cycle
tACQ
NOTES: A. Aa = Address for input channel a.
B. Da = Conversion result from channel a.
Hi–Z
Hi–Z
Hi–Z
Hi–Z
Hi–Z
Hi–Z
Normal
Cycle
Normal
Cycle
Extended
Sample
Cycle
Extended
Sample
Cycle
Figure 2. Extended Sampling Operation
reference voltage inputs
There are two reference inputs used with the TLV1544/TLV1548, REF+ and REF–. These voltage values
establish the upper and lower limits of the analog inputs to produce a full-scale and zero-scale reading
respectively. The values of REF+, REF–, and the analog input should not exceed the positive supply or be lower
than GND consistent with the specified absolute maximum ratings. The digital output is at full scale when the
input signal is equal to or higher than REF+ and is at zero when the input signal is equal to or lower than REF–.
programmable conversion rate
The TLV1544/TLV1548 offers two conversion rates to maximize battery life when high-speed operation is not
necessary. The conversion rate is programmable. Once the conversion rate has been selected, it takes effect
immediately in the same cycle and stays at the same rate until the other rate is chosen. The conversion rate
should be set at power up. Activation and deactivation of the power-down state (digital logic active) has no effect
on the preset conversion rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com