Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7429S Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7429S
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429S Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7429S Datasheet HTML 1Page - STMicroelectronics TDA7429S Datasheet HTML 2Page - STMicroelectronics TDA7429S Datasheet HTML 3Page - STMicroelectronics TDA7429S Datasheet HTML 4Page - STMicroelectronics TDA7429S Datasheet HTML 5Page - STMicroelectronics TDA7429S Datasheet HTML 6Page - STMicroelectronics TDA7429S Datasheet HTML 7Page - STMicroelectronics TDA7429S Datasheet HTML 8Page - STMicroelectronics TDA7429S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TDA7429S
TDA7429T
DIGITALLY CONTROLLED AUDIO PROCESSOR
WITH SURROUND SOUND MATRIX
3 STEREO/4 STEREO INPUTS
INPUT ATTENUATION CONTROL IN 0.5dB
STEP
TREBLE MIDDLE AND BASS CONTROL
THREE SURROUND MODES ARE AVAIL-
ABLE:
- MUSIC: 4 SELECTABLE RESPONSES
- MOVIE AND SIMULATED:
256 SELECTABLE RESPONSES
FOUR SPEAKERS ATTENUATORS:
- 4 INDEPENDENT SPEAKERS CONTROL
IN 1dB STEPS FOR BALANCE FACILITY
- INDEPENDENT MUTE FUNCTION
ALL FUNCTIONS PROGRAMMABLE VIA SE-
RIAL BUS
DESCRIPTION
The TDA7429 is volume tone (bass middle and
treble) balance (Left/Right) processors for quality
audio applications in TV and Hi-Fi systems.
It reproduces surround sound by using program-
mable phase shifters and a signal matrix. Control
of all the functions is accomplished by serial bus.
The AC signal setting is obtained by resistor net-
works and switches combined with operational
amplifiers.
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are
obtained.
July 1999
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
VAR_L
REARIN
REAROUT
HP1
LP1
HP2.
BASS_LI
BASS_LO
BASSO_R
BASSO_L
VAR_R
L_IN4
AUXOUT_L
AUXOUT_R
R_OUT
DIG_GND
L_OUT
MONITOR_L
MONITOR_R
L_IN1
L_IN3
L_IN2
D96AU532
12
13
14
15
16
PIN CONNECTION (TQFP44)
ORDERING NUMBERS:
TDA7429S
TDA7429T
SDIP42
TQFP44
®
1/20


Similar Part No. - TDA7429S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
243Kb / 22P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jun-2004
More results

Similar Description - TDA7429S

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
STMicroelectronics
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Nov-1999
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
168Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
Feb-1998
TDA7465 STMICROELECTRONICS-TDA7465 Datasheet
179Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
May-1997
TDA7466 STMICROELECTRONICS-TDA7466 Datasheet
183Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
May-1997
TDA7344 STMICROELECTRONICS-TDA7344 Datasheet
201Kb / 20P
DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Feb-1997
TDA7466 STMICROELECTRONICS-TDA7466_03 Datasheet
345Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
Sep-2003
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7429 STMICROELECTRONICS-TDA7429 Datasheet
243Kb / 22P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com