Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7429S Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7429S
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7429S Datasheet HTML 7Page - STMicroelectronics TDA7429S Datasheet HTML 8Page - STMicroelectronics TDA7429S Datasheet HTML 9Page - STMicroelectronics TDA7429S Datasheet HTML 10Page - STMicroelectronics TDA7429S Datasheet HTML 11Page - STMicroelectronics TDA7429S Datasheet HTML 12Page - STMicroelectronics TDA7429S Datasheet HTML 13Page - STMicroelectronics TDA7429S Datasheet HTML 14Page - STMicroelectronics TDA7429S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MSB
LSB
INPUT ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
0.5 dB STEPS
X
000
0
X
0
0
1
-0.5
X
010
-1
X
0
1
1
-1.5
X
100
-2
X
1
0
1
-2.5
X
110
-3
X
1
1
1
-3.5
4 dB STEPS
X
000
0
X
001
-4
X
010
-8
X
011
-12
X
100
-16
X
101
-20
X
110
-24
X
111
-28
INPUT ATTENUATION = 0
∼ -31.5dB
D7
D6
D5
D4
D3
D2
D1
D0
REAR SWITCH
X0
REARIN, REAROUT PIN
ACTIVE
X1
NO REARIN, REAROUT PIN
INPUT ATTENUATION SELECTION
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
B
X
X
X
0
0
0
0
INPUT ATTENUATION
B
X
X
X
0
0
0
1
SURROUND & OUT & EFFECT
CONTROL
B
X
X
X
0
0
1
0
PHASE RESISTOR
B
X
X
X
0
0
1
1
BASS & NATURAL BASE
B
X
X
X
0
1
0
0
MIDDLE & TREBLE
B
X
X
X
0
1
0
1
SPEAKER ATTENUATION ”L”
B
X
X
X
0
1
1
0
SPEAKER ATTENUATION ”R”
B
X
X
X
0
1
1
1
AUX ATTENUATION ”L”
B
X
X
X
1
0
0
0
AUX ATTENUATION”R”
B
X
X
X
1
0
0
1
INPUT MULTIPLEXER, & AUX
OUT
B = 1 incremental bus; active
B = 0 no incremental bus;
X = indifferent 0,1
The first byte (subaddress)
DATA BYTES
Address = 80(HEX)
FUNCTION SELECTION:
TDA7429S - TDA7429T
11/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com