Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7432 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7432
Description  BASIC FUNCTION AUDIO PROCESSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7432 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7432 Datasheet HTML 1Page - STMicroelectronics TDA7432 Datasheet HTML 2Page - STMicroelectronics TDA7432 Datasheet HTML 3Page - STMicroelectronics TDA7432 Datasheet HTML 4Page - STMicroelectronics TDA7432 Datasheet HTML 5Page - STMicroelectronics TDA7432 Datasheet HTML 6Page - STMicroelectronics TDA7432 Datasheet HTML 7Page - STMicroelectronics TDA7432 Datasheet HTML 8Page - STMicroelectronics TDA7432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
10.2
V
Tamb
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature Range
-55 to +150
°C
QUICK REFERENCE DATA
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
7
9
10.2
V
VCL
Max. Input Signal Handling
1.3
1.6
Vrms
THD
Total Harmonic Distortion (V = 1Vrms f = 1kHZ)
0.05
%
S/N
Signal to Noise Ratio
102
dB
Sc
Channel Separation f = 1kHz
100
dB
Volume Control 1dB step
-79
+32
dB
Bass Control 2dB step
-18
+18
dB
Treble Control 2dB step
-14
+14
dB
Speaker Attenuators
-37.5
0
dB
Mute Attenuation
100
dB
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-pins
Thermal Resistance Junction-pins
Max.
150
°C/W
CREF
IN_R
IN_L
MONO_IN/MUTE
LOUD_R
BOUT_R
LOUD_L
BIN_R
BOUT_L
TRR
OUT_RR
OUT_LR
OUT_LF
OUT_RF
VS
SCL
SDA
GND
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
BIN_L
TRL
D95AU358
PIN CONNECTION (Top View)
TDA7432
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com