Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7432 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7432
Description  BASIC FUNCTION AUDIO PROCESSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7432 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7432 Datasheet HTML 1Page - STMicroelectronics TDA7432 Datasheet HTML 2Page - STMicroelectronics TDA7432 Datasheet HTML 3Page - STMicroelectronics TDA7432 Datasheet HTML 4Page - STMicroelectronics TDA7432 Datasheet HTML 5Page - STMicroelectronics TDA7432 Datasheet HTML 6Page - STMicroelectronics TDA7432 Datasheet HTML 7Page - STMicroelectronics TDA7432 Datasheet HTML 8Page - STMicroelectronics TDA7432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C, VS = 9V, RL = 10kΩ,Rg =50Ω,
all variable gains = 0dB, f = 1kHz, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT SELECTOR
RIN
Input Resistance
70
100
130
k
VCL
Clipping Level
d
≤ 0.3%
1.3
1.6
Vrms
SIN
Input Separation
70
100
dB
AMUTE
Input Mute Attenuation
70
95
dB
VDC
Mute DC Step
0.2
10
mV
MUTE AT AM INPUT (*)
VIL
Input Low Voltage
AM not selected
0.4
V
VOLUME CONTROL
GMAX
Max. Gain
Note 2
30.5
32
33.5
dB
AMAX
Max Attenuation
75
79
83
dB
Astep
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
G = +20 to -20dB
-1
0
+1
dB
G = -20 to -60dB
-2
2
dB
ET
Tracking Error
G = -20 to -60dB
2
dB
VDC
DC Steps
Adjacent Attenuation Steps,
Range from 0 to -79dB
0.1
4
mV
From 0dB to -79dB
0.5
10
mV
LOUDNESS CONTROL
AMAX
Control Range
14
15
16
dB
Astep
Step Resolution
0.5
1
1.5
dB
RLOUD
Internal Resistor
37
50
63
k
BASS CONTROL
BRANGE
Max. Bass boost
15.5
18
20
dB
BCUT
Max. Bass cut
-20
-18
-15.5
dB
AStep
Step Resolution
1
2
3
dB
RB
Internal Feedback Resistance
48
65
82
k
TREBLE CONTROL
CRANGE
Control Range
±13
±14
±15
dB
Astep
Step Resolution
1
2
3
dB
SPEAKER ATTENUATORS
CRANGE
Control Range
36
37.5
39
dB
Astep
Step Resolution
From 0 to -24dB
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
70
90
dB
EA
Attenuation Set Error
From 0 to -24dB
1
dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
4
mV
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2
2.5
Vrms
GOUT
Output Gain (fixed)
4
dB
RL
Output Load Resistance
AC - connected
3
k
DC connected to GND
5
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
100
VDC
DC Voltage Level
3.7
4
4.3
V
(*) The mute function can be activated without using the I2C bus by grounding the AM input when AM is not selected. This causes the input
multiplexer to select the reference voltage instead of an input signal.
TDA7432
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com