Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7431 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 7431
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7431 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 7431 Datasheet HTML 7Page - STMicroelectronics 7431 Datasheet HTML 8Page - STMicroelectronics 7431 Datasheet HTML 9Page - STMicroelectronics 7431 Datasheet HTML 10Page - STMicroelectronics 7431 Datasheet HTML 11Page - STMicroelectronics 7431 Datasheet HTML 12Page - STMicroelectronics 7431 Datasheet HTML 13Page - STMicroelectronics 7431 Datasheet HTML 14Page - STMicroelectronics 7431 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MSB
LSB
INPUT ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
0.5 dB STEPS
000
0
0
0
1
-0.5
010
-1
0
1
1
-1.5
100
-2
1
0
1
-2.5
110
-3
1
1
1
-3.5
4 dB STEPS
000
0
001
-4
010
-8
011
-12
100
-16
101
-20
110
-24
111
-28
INPUT ATTENUATION = 0
∼ -31.5dB
D7
D6
D5
D4
D3
D2
D1
D0
REAR SWITCH
0
REARIN, REAROUT PIN
ACTIVE
1
NO REARIN, REAROUT PIN
INPUT ATTENUATION SELECTION
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
B
X
X
X
0
0
0
0
INPUT ATTENUATION
B
X
X
X
0
0
0
1
SURROUND & OUT & EFFECT
CONTROL
B
X
X
X
0
0
1
0
PHASE RESISTOR
B
X
X
X
0
0
1
1
BASS & NATURAL BASE
B
X
X
X
0
1
0
0
MIDDLE & TREBLE
B
X
X
X
0
1
0
1
SPEAKER ATTENUATION ”L”
B
X
X
X
0
1
1
0
SPEAKER ATTENUATION ”R”
B
X
X
X
0
1
1
1
RECORD ATTENUATION ”L”
B
X
X
X
1
0
0
0
RECORD ATTENUATION”R”
B
X
X
X
1
0
0
1
INPUT MULTIPLEXER, VOICE
CANCELLER & REC OUT
B = 1 incremental bus; active
B = 0 no incremental bus;
X = indifferent 0,1
The first byte (subaddress)
DATA BYTES
Address = 80(HEX): ADDR open; 82 (HEX): need to connect supply
FUNCTION SELECTION:
TDA7430 - TDA7431
11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com