Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7431 Datasheet(PDF) 15 Page - STMicroelectronics

Part # 7431
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7431 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button 7431 Datasheet HTML 11Page - STMicroelectronics 7431 Datasheet HTML 12Page - STMicroelectronics 7431 Datasheet HTML 13Page - STMicroelectronics 7431 Datasheet HTML 14Page - STMicroelectronics 7431 Datasheet HTML 15Page - STMicroelectronics 7431 Datasheet HTML 16Page - STMicroelectronics 7431 Datasheet HTML 17Page - STMicroelectronics 7431 Datasheet HTML 18Page - STMicroelectronics 7431 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
VOICE CANCELLER/INPUT/RECOUT L & R SELECTION
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
VOICE CANCELLER
0
OFF
1ON
INPUT MULTIPLEXER
0
0
IN2
0
1
IN3
1
0
IN4
1
1
IN1
REC OUT ”L”
0
0
VER 1 (3BAND)
0
1
VER 2 (SURR)
1
0
VER 3 (REAR)
1
1
FIX
REC OUT ”R”
0
0
VER 1 (3BAND)
0
1
VER 2 (SURR)
1
0
VER 3 (REAR)
11
FIX
POWER ON RESET
BASS & MIDDLE
2dB
TREBLE
0dB
SURROUND & OUT CONTROL+ EFFECT CONTROL
OFF + FIX + MAX ATTENUATION
SPEAKER/RECORD ATTENUATION L &R
MUTE
INPUT ATTENUATION + REARN SWITCH
MAX ATTENUATION + ON
NATURAL BASE
OFF
VOICE CANCELER
OFF
INPUT
IN1
100
Ω
VS
D94AU204
20
µA
GND
PIN: L-OUT, R-OUT, RECOUT-L, RECOUT-R
TDA7430 - TDA7431
15/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com