Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS1610 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCS1610
Description  High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS1610 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCS1610 Datasheet HTML 1Page - Vishay Siliconix VCS1610 Datasheet HTML 2Page - Vishay Siliconix VCS1610 Datasheet HTML 3Page - Vishay Siliconix VCS1610 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VCS1610 (Kelvin Connection)
Vishay Foil Resistors
High Precision Foil Surface Mount Current Sensing Chip
Resistors with TCR of ± 2 ppm/°C, Load Life Stability of ± 0.02 %,
ESD Immunity up to 25 kV and Fast Thermal Stabilization
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63137
2
Revision: 23-Jul-08
Note
* Measurement error 0.001 R
FIGURE 2 - DIMENSIONS in inches (millimeters)
INCHES
MILLIMETERS
L
0.160 ± 0.010
4.06 ± 0.25
H
0.100 ± 0.010
2.54 ± 0.25
W
0.040 maximum
1.02 maximum
A
0.045 ± 0.005
1.14 ± 0.13
B
0.030 ± 0.010
0.76 ± 0.25
W
Solder Pad Layout
L
H
Top View
0.260
(6.60)
0.070
(1.78)
A
B
E1
E2
Bottom View
Mounting
Pads (4)
I1
I2
FIGURE 3 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Opposing
Current in
Adjacent Lines
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 4 - TYPICAL TCR CURVE
+ 75
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
Ambient Temperature (°C)
ΔR
R
(ppm)
± 2 ppm/°C (+ 25 °C Reference)
+ 100
+ 125
- 25
0+ 25
+ 50
- 50
TABLE 2 - PERFORMANCE SPECIFICATIONS
TEST
MIL-PRF-55342
ΔR LIMITS
TYPICAL
ΔR LIMITS
Thermal Shock 5 x (- 65 °C to + 150 °C)
± 0.10 %
± 0.005 % (50 ppm)
Low Temperature Operation
± 0.10 %
± 0.005 % (50 ppm)
Short Time Overload
± 0.10 %
± 0.005 % (50 ppm)
High Temperature Exposure
± 0.10 %
± 0.01 % (100 ppm)
Resistance to Soldering Heat
± 0.2 %
± 0.01 % (100 ppm)
Moisture Resistance
± 0.2 %
± 0.01 % (100 ppm)
Load Life 2000 h at 70 °C
± 0.5 %
± 0.02 % (200 ppm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com