Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS1610 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCS1610
Description  High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS1610 Datasheet(HTML) 3 Page - Vishay Siliconix

  VCS1610 Datasheet HTML 1Page - Vishay Siliconix VCS1610 Datasheet HTML 2Page - Vishay Siliconix VCS1610 Datasheet HTML 3Page - Vishay Siliconix VCS1610 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63137
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 23-Jul-08
3
VCS1610 (Kelvin Connection)
High Precision Foil Surface Mount Current Sensing Chip
Resistors with TCR of ± 2 ppm/°C, Load Life Stability of ± 0.02 %,
ESD Immunity up to 25 kV and Fast Thermal Stabilization
Vishay Foil Resistors
Note
* For non-standard requests or additional values, please contact application engineering.
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y11200R40500D9W (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
0 = tin/lead plated
9 = tin plated
19 = gold plated
1 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1120 = VCS1610
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
K = ± 10.0 %
W = waffle pack
R = tape and reel
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1120 0R40500 D 9 W:
TYPE: VCS1610
VALUES: 0.405
Ω
ABSOLUTE TOLERANCE: ± 0.5 %
TERMINATION: lead (Pb)-free
PACKAGING: waffle pack
1
200
40
5
R
Y1
09
0
W
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com