Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS1625Z Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCS1625Z
Description  Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS1625Z Datasheet(HTML) 2 Page - Vishay Siliconix

  VCS1625Z Datasheet HTML 1Page - Vishay Siliconix VCS1625Z Datasheet HTML 2Page - Vishay Siliconix VCS1625Z Datasheet HTML 3Page - Vishay Siliconix VCS1625Z Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VCS1625Z (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Surface Mount Current
Sensing Chip Resistors with TCR of ± 0.05 ppm/°C and
Power Coefficient of 5 ppm at Rated Power
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63094
2
Revision: 25-Feb-08
Note
1. Measurement error 0.001 R
FIGURE 2 - DIMENSIONS in inches (millimeters)
INCHES
MILLIMETERS
L
0.250 ± 0.010
6.35 ± 0.25
H
0.160 ± 0.010
4.06 ± 0.25
W
0.040 maximum
1.02 maximum
A
0.080 ± 0.005
2.03 ± 0.13
B
0.040 ± 0.010
1.02 ± 0.25
Solder Pad Layout
0.260
(6.60)
0.070
(1.78)
L
H
W
A
B
I2
I1
E1
E2
Top View
Bottom View
Mounting
Pads (4)
I
1
E
1
I2
E
2
Electrical
Schematic
R
FIGURE 3 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Opposing
Current in
Adjacent Lines
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 4 - TYPICAL TCR CURVE Z-FOIL
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
∆R
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
TABLE 2 - PERFORMANCE SPECIFICATIONS
TEST
MIL-PRF-55342
ΔR LIMITS
TYPICAL
ΔR LIMITS
MAXIMUM
ΔR LIMITS1)
Thermal shock 5 x (- 65 °C to + 150 °C)
± 0.10 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Low temperature operation
± 0.10 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Short time overload
± 0.10 %
± 0.005 % (50 ppm)
± 0.02 % (200 ppm)
High temperature exposure
± 0.10 %
± 0.01 % (100 ppm)
± 0.02 % (200 ppm)
Resistance to soldering heat
± 0.2 %
± 0.01 % (100 ppm)
± 0.03 % (300 ppm)
Moisture resistance
± 0.2 %
± 0.01 % (100 ppm)
± 0.03 % (300 ppm)
Load life 2000 h at 70 °C: rated power on ceramic PCB
± 0.5 %
± 0.02 % (200 ppm)
± 0.04 % (400 ppm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com