Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS1625Z Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCS1625Z
Description  Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS1625Z Datasheet(HTML) 3 Page - Vishay Siliconix

  VCS1625Z Datasheet HTML 1Page - Vishay Siliconix VCS1625Z Datasheet HTML 2Page - Vishay Siliconix VCS1625Z Datasheet HTML 3Page - Vishay Siliconix VCS1625Z Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63094
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 25-Feb-08
3
VCS1625Z (Z-Foil)
Ultra High Precision Z-Foil Surface Mount Current
Sensing Chip Resistors with TCR of ± 0.05 ppm/°C and
Power Coefficient of 5 ppm at Rated Power
Vishay Foil Resistors
Note
* Application engineering release: for non-standard requests, please contact application engineering.
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y16071R50000D9W (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
0 = standard part, tin/lead termination
9 = standard part, lead (Pb)-free termination
129 = standard part, gold plated
Other = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1607 = VCS1625Z
E = ± 0.2 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
R = tape and reel
W = waffle pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1607 1R50000 D 9 W:
TYPE: VCS1625Z
VALUE: 1.5
Ω
ABSOLUTE TOLERANCE: ± 0.5 %
TERMINATION: lead (Pb)-free
PACKAGING: waffle pack
HISTORICAL PART NUMBER: VCS1625Z 1R5000 TCR0.2 D S W (will continue to be used)
VCS1625Z
1R5000
TCR0.2
D
S
W
MODEL
OHMIC VALUE
TCR
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
VCS1625Z
1.5
Ω
Characteristic
E = ± 0.2 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
S = lead (Pb)-free
B = tin/lead
G = gold plated
T = tape and reel
W = waffle pack
6
071
50
0
R
Y1
D9
0
W
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com