Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17AW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BFS17AW
Description  Silicon NPN Planar RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFS17AW Datasheet(HTML) 1 Page - Vishay Siliconix

  BFS17AW Datasheet HTML 1Page - Vishay Siliconix BFS17AW Datasheet HTML 2Page - Vishay Siliconix BFS17AW Datasheet HTML 3Page - Vishay Siliconix BFS17AW Datasheet HTML 4Page - Vishay Siliconix BFS17AW Datasheet HTML 5Page - Vishay Siliconix BFS17AW Datasheet HTML 6Page - Vishay Siliconix BFS17AW Datasheet HTML 7Page - Vishay Siliconix BFS17AW Datasheet HTML 8Page - Vishay Siliconix BFS17AW Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BFS17A / BFS17AR / BFS17AW
Document Number 85039
Rev. 1.6, 08-Sep-08
Vishay Semiconductors
www.vishay.com
1
19150
SOT23
1
23
Electrostatic sensitivedevice.
Observe precautions for handling.
SOT23
SOT323
1
32
1
23
Not for new design, this product will be obsoleted soon
Silicon NPN Planar RF Transistor
Features
• Low noise figure
• High power gain
• Small collector capacitance
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
Wide band, low noise, small signal amplifiers up to
UHF frquencies, high speed logic applications and
oscillator applications.
Mechanical Data
Typ: BFS17A
Case: SOT-23 Plastic case
Weight: approx. 8.0 mg
Marking: E2
Pinning: 1 = Collector, 2 = Base, 3 = Emitter
Typ: BFS17AR
Case: SOT-23 Plastic case
Weight: approx. 8.0 mg
Marking: E5
Pinning: 1 = Collector, 2 = Base, 3 = Emitter
Typ: BFS17AW
Case: SOT-323 Plastic case
Weight: approx. 6.0 mg
Marking: WE2
Pinning: 1 = Collector, 2 = Base, 3 = Emitter
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Collector-base voltage
VCBO
25
V
Collector-emitter voltage
VCEO
15
V
Emitter-base voltage
VEBO
2.5
V
Collector current
IC
25
mA
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
e3


Similar Part No. - BFS17AW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFS17AW VISHAY-BFS17AW Datasheet
164Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
More results

Similar Description - BFS17AW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
Silicon NPN Planar RF Transistor
03-Sep-04
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
Silicon NPN Planar RF Transistor
02-May-05
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
Silicon NPN Planar RF Transistor
05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
Silicon NPN Planar RF Transistor
08-Sep-08
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
Silicon NPN Planar RF Transistor
08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com