Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3133 Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3133
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3133 Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3133 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3133 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3133 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3133 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3133 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3133 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3133 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PWM CONTROL 2A STEP-DOWN CONVERTER
2007-6-22
4/7
FSP3133
TYPICAL APPLICATION CIRCUIT
Note: VOUT=VFB*(1+RA/RB)
RB=0.7KΩ~5KΩ
VIN=12V, IMAX=2A
VOUT
2.5V
3.3V
5V
L1 Value
22uH
27uH
33uH
TEST CIRCUITS
1) Enable Function Test
2) Feedback Function Test
3) Operation Function Test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com