Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3133 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3133
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3133 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3133 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3133 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3133 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3133 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3133 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3133 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3133 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PWM CONTROL 2A STEP-DOWN CONVERTER
2007-6-22
1/7
FSP3133
PIN ASSIGNMENT
(Top View)
PIN DESCRIPTION
Pin Number Pin Name
Pin Description
1
FB
Feedback Pin
2
EN
Enable Input Pin
H: Normal operation(Step-down operation)
L: Step-down operation stopped(All circuits deactivated)
3
OCSET
Add an external resistor to set max output current
4
VCC
IC power supply pin
5,6
OUTPUT
Switch pin. Connect external inductor/diode here. Minimize trace area at this pin to
reduce EMI.
7,8
VSS
GND pin
TYPICAL APPLICATION
PC Motherboard
LCD Monitor
Graphic Card
DVD-Video Player
Telecom Equipment
ADSL Modem
Printer and other Peripheral Equipment
Microprocessor core supply
Networking power supply
VCC
VSS
VSS
OUTPUT
OUTPUT
8
7
6
5
1
2
3
4
FB
EN
OCSET
GENERAL DESCRIPTION
FSP3133 consists of step-down switching regulator
with PWM control. These devices include a
reference voltage source, oscillation circuit, error
amplifier and internal PMOS.
FSP3133 provides low-ripple power, high efficiency,
and excellent transient characteristics. The PWM
control circuit is able to vary the duty ratio linearly
from 0 up to 100%. This converter also contains an
error amplifier circuit as well as a soft-start circuit
that prevents overshooting at startup. An enable
function, an over current protect function and a
short circuit protect function are built inside, and
when OCP or SCP happens, the operation
frequency will be reduced from 300KHz to 30KHz.
Also, an internal compensation block is built in to
minimum external component count.
With the addition of an internal P-channel Power
MOS, a coil, capacitors, and a diode connected
externally, these ICs can function as step-down
switching regulators. They serve as ideal power
supply units for portable devices when coupled with
the
SOP8L
mini-package,
providing
such
outstanding features as low current consumption.
Since this converter can accommodate an input
voltage up to 23V, it is also suitable for the operation
via an AC adapter.
FEATURES
Input voltage: 3.6V to 23V.
Output voltage: 0.8V to VCC.
Duty ratio: 0% to 100% PWM control
Oscillation frequency: 300KHz typ.
Soft-start, Current limit, Enable function
Thermal Shutdown function
Built-in internal SW P-channel MOSFET
SOP8L Package.


Similar Part No. - FSP3133

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3130SAG FOSLINK-FSP3130SAG Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3130SG FOSLINK-FSP3130SG Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3131 FOSLINK-FSP3131 Datasheet
222Kb / 7P
PWM CONTROL 3A STEP-DOWN CONVERTER
FSP3131SAG FOSLINK-FSP3131SAG Datasheet
222Kb / 7P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results

Similar Description - FSP3133

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.3 Nov 17, 2005
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 5
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
PWM Control 2A Step-Down Converter
Rev. 1.02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com