Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3604 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3604
Description  3W HIGH POWER WHITE LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3604 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3604 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3W HIGH POWER WHITE LED DRIVER
2007-7-13
1/6
FSP3604
APPLICATIONS
White LED Torch (Flashlight)
White LED Camera Flash
DSC (Digital Still Camera)Flash
Cellular Camera Phone Flash
PDA Camera Flash
Camcorder Torch (Flashlight) Lamp
PIN CONFIGURATION
(Top View)
TYPICAL APPLICATION CIRCUIT
Pin Number
Pin Name
Pin Function
1
SW
Power Switch Pin.
2
GND
Ground Pin
3
FB
Feedback Pin
4
SHDN
Chip Shutdown Signal Input
5
VOUT
Power Output Pin.
6
VIN
Power Supply Input.
FEATURES
LED Power Efficiency: up to 90%
1MHz Switching Frequency
Uses small, Low Profile External Components
Low Start-Up Voltage: 0.9V(ILED =270mA)
Low RDS(ON) : 100mΩ (TYP.)
Open LED Protection
Over Temperature Protection
Low Profile SOT23-6L Package
GENERAL DESCRIPTION
The FSP3604 is a step up DC-DC converter that
delivers a regulated output current. The device
switches at a 1.0MHz constant frequency, allowing for
the use of small value external inductor and ceramic
capacitors.
The FSP3604 is targeted to be used for driving loads
up to 1A from a two-cell alkaline battery. The LED
current can be programmed by the external current
sense resistor, Rs, connected between the feedback
pin (FB) and ground. A low 95mV feedback voltage
reduces the power loss in the Rs for better efficiency.
With its internal 2A, 100mΩ NMOS switch, the device
can provide high efficiency even at heavy load. During
the shutdown mode, the feedback resistor Rs and the
load are completely disconnected and the current
consumption is reduced to less than 1uA.
2
3
6
54
1
SW
GND
FB
VIN
VOUT SHDN


Similar Part No. - FSP3604

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
FSP3601MSAH FOSLINK-FSP3601MSAH Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
FSP3601MSH FOSLINK-FSP3601MSH Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
FSP3601SAH FOSLINK-FSP3601SAH Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
FSP3601SH FOSLINK-FSP3601SH Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
More results

Similar Description - FSP3604

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF02 STMICROELECTRONICS-STCF02 Datasheet
223Kb / 4P
High Power White Led Driver
05-Oct-2005
logo
YOBON TECHNOLOGIES,INC.
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
High-Power White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
PAM2803 PAM-PAM2803 Datasheet
211Kb / 8P
3W High Power White LED Driver
logo
Diodes Incorporated
PAM2803 DIODES-PAM2803 Datasheet
392Kb / 9P
3W HIGH POWER WHITE LED DRIVER
Rev 2
logo
SHENZHEN FUMAN ELECTRON...
SC2803 FUMAN-SC2803 Datasheet
411Kb / 7P
3W high power white LED driver
logo
Elite Enterprises (H.K....
PG1A-3LWX-SDBK ELITE-PG1A-3LWX-SDBK Datasheet
419Kb / 12P
3W White Power LED
logo
SHOUDING Shouding Semic...
SD3303 SHOUDING-SD3303 Datasheet
1Mb / 8P
3W HIGH POWER WHITE LED DRIVER
logo
Diodes Incorporated
PAM2800AABR DIODES-PAM2800AABR Datasheet
293Kb / 7P
HIGH POWER WHITE LED DRIVER
December 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com