Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3604 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3604
Description  3W HIGH POWER WHITE LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3604 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3604 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3W HIGH POWER WHITE LED DRIVER
2007-7-13
3/6
FSP3604
FUNCTIONAL BLOCK DIAGRAM
APPLICATION INFORMATION
Inductor Selection
The FSP3604 can use small value inductors due to its switching frequency of 1 MHz. The value of inductor will focus
in the range of 2.2uH to 4.7uH for most FSP3604 applications. In typical high current white LED applications, it is
recommended to use a 4.7uH inductor. The inductor should have low DCR (DC resistance) to minimize the I
2 R
power loss, and it requires a current rating of 2A to handle the peak inductor current without saturating.
Capacitor Selection
An input capacitor is required to reduce the input ripple and noise for proper operation of the FSP3604. For good
input decoupling, Low ESR (equivalent series resistance) capacitors should be used at the input. At least 2.2uF
input capacitor is recommended for most applications.
A minimum output capacitor value of 6.8uF is recommended under normal operating conditions, while a 10uF-22uF
capacitor may be required for higher power LED current. A reasonable value of the output capacitor depends on the
LED current. The ESR of the output capacitor is the important parameter to determine the output voltage ripple of
the converter, so low ESR capacitors should be used at the output to reduce the output voltage ripple. The small size
of ceramic capacitors is an excellent choice for FSP3604 applications. The X5R and X7R types are preferred
because they maintain capacitance over wide voltage and temperature ranges.
Diode Selection
It's indispensable to use a Schottky diode rated at 2A with the FSP3604. Using a Schottky diode with a lower forward
voltage drop is better to improve the power LED efficiency, and its voltage rating should be greater than the output
voltage.
In application, the ON semiconductor MBRA210LT3G is recommended.
LED Current Setting
The LED current is set by the single external Rs resistor connected to the FB pin as shown in the typical application
circuit on page 1. The typical FB reference is internally regulated to 95mV. The LED current is 95mV/Rs. It's
recommended to use a 1% or better precision resistor for the better LED current accuracy. The formula and table 1
for Rs selection are shown as follows:
Rs=95mV/I
Table 1. Rs Resistor Value Selection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com