Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7480 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7480
Description  10W MONO CLASS-D AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7480 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7480 Datasheet HTML 2Page - STMicroelectronics TDA7480 Datasheet HTML 3Page - STMicroelectronics TDA7480 Datasheet HTML 4Page - STMicroelectronics TDA7480 Datasheet HTML 5Page - STMicroelectronics TDA7480 Datasheet HTML 6Page - STMicroelectronics TDA7480 Datasheet HTML 7Page - STMicroelectronics TDA7480 Datasheet HTML 8Page - STMicroelectronics TDA7480 Datasheet HTML 9Page - STMicroelectronics TDA7480 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Vs= +/- 10.5V
Rl= 4 Ohm
F= 1 KHz
0
123
45
67
89
10
Output Power (W)
0.1
1
10
THD (%)
Figure 7. Distortion vs. Output Power
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
15.5
16
Supply Voltage (+/- V)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Output Power (W)
Rl= 8 Ohm
F= 1 KHz
Thd=10%
Thd=1%
Figure 5. Output Power vs. Supply Voltage
012
3456789
10
Output Power (W)
0
0.5
1
1.5
2
2.5
Power Dissipation (W)
0
10
20
30
40
50
60
70
80
90
100
Efficiency (%)
Vs= +/- 10.5V
Rl= 4 Ohm
F= 1 KHz
Pdiss
Efficiency
Figure 9. Power Dissipation and Efficiency vs.
Output Power
0123456
789
10
Output Power (W)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Power Dissipation (W)
0
20
40
60
80
100
Efficiency (%)
Vs= +/- 14V
Rl= 8 Ohm
F= 1 KHz
Efficiency
Pdiss
Figure 8. Power Dissipation and Efficiency vs.
Output Power
Vs= +/- 14V
Rl= 8 Ohm
F= 1 KHz
0
1
2
345
67
89
10
Output Power (W)
0.01
0.1
1
10
THD (%)
Figure 6. Distortion vs. Output Power
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vpin #12 (V)
0
10
20
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
Attenuation (dB)
Vs= +/- 14V
Rl= 8 Ohm
0 dB =1 W @ F= 1 KHz
Figure 10. Mute Attenuation vs. Vpin 12
TYPICAL CHARACTERISTICS (Application Circuit of fig 1 unless otherwise specified)
TDA7480
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com