Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7480 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7480
Description  10W MONO CLASS-D AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7480 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7480 Datasheet HTML 1Page - STMicroelectronics TDA7480 Datasheet HTML 2Page - STMicroelectronics TDA7480 Datasheet HTML 3Page - STMicroelectronics TDA7480 Datasheet HTML 4Page - STMicroelectronics TDA7480 Datasheet HTML 5Page - STMicroelectronics TDA7480 Datasheet HTML 6Page - STMicroelectronics TDA7480 Datasheet HTML 7Page - STMicroelectronics TDA7480 Datasheet HTML 8Page - STMicroelectronics TDA7480 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
L1 60
µH
OUT
LEFT
11
8
C2 0.33
µF
IN LEFT
C4 4.7nF
FEEDCAP
OUT
BOOT
C11
100nF
C12
560pF
R5
150
Ω
C14
470nF
6
4
VREG
C15
100nF
R4
12K
Ω
15
5
C9
100nF
SGN-GND
10
12
14,16
ST-BY/MUTE
C7
47
µF/50VI
IN
D97AU815C
-VCC
(Pin 17)
C6
100nF
C3
1nF
VCC
7,13
N.C.
C5 100nF
BOOTDIODE
C8
270pF
9
1,2,3,17,
18,19,20
-VCC SIGN
FREQ
MUTE/
ST-BY
L3 1
µH
OUT R
PGND
L4 1
µH
R7
1K/2W
R6
1K/2W
L2 1
µH
C10
47
µF/50VI
MUTE
ST-BY
C1
2.2
µF
R3
30K
R2
10K
R1 10K
(*) +5V
+VS
C29
2200
µF/
50VI
C30
2200
µF/
50VI
L5 60
µH
OUT
RIGHT
11
8
C16 0.33
µF
IN RIGHT
C18 4.7nF
FEEDCAP
OUT
BOOT
C25
100nF
C26
560pF
R9
150
Ω
C28
470nF
6
4
VREG
C27
100nF
R8
12K
Ω
15
5
C22
100nF
SGN-GND
10
12
14,16
ST-BY/MUTE
C21
47
µF/50VI
IN
C20
100nF
C17
1nF
VCC
7,13
N.C.
C19 100nF
BOOTDIODE
C24
270pF
9
1,2,3,17,
18,19,20
-VCC SIGN
FREQ
MUTE/
ST-BY
L7 1
µH
OUT R
PGND
L8 1
µH
L6 1
µH
C23
47
µF/50VI
TDA7480
LEFT
TDA7480
RIGHT
(*) +5V Referred to VCC/2
Figure 3: Stereo Application in Single Supply.
TDA7480
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com