Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7496 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7496
Description  5W5W AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7496 Datasheet HTML 1Page - STMicroelectronics TDA7496 Datasheet HTML 2Page - STMicroelectronics TDA7496 Datasheet HTML 3Page - STMicroelectronics TDA7496 Datasheet HTML 4Page - STMicroelectronics TDA7496 Datasheet HTML 5Page - STMicroelectronics TDA7496 Datasheet HTML 6Page - STMicroelectronics TDA7496 Datasheet HTML 7Page - STMicroelectronics TDA7496 Datasheet HTML 8Page - STMicroelectronics TDA7496 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
35
V
VIN
Maximum Input Voltage
8
Vpp
Ptot
Total Power Dissipation (Tamb = 80°C)
15
W
Tamb
Ambient Operating Temperature
0 to 70
°C
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Typ. = 4
Max. = 4.6
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
max
35
°C/W
1
2
3
4
5
6
7
9
10
11
8
PW_GND
MUTE
STBY
S_GND
SVR
N.C.
INL
N.C.
N.C.
N.C.
INR
13
14
15
12
PW_GND
OUTR
VS
OUTL
D99AU1016
PIN CONNECTION (Top view)
ELECTRICAL CHARACTERISTICS (Refer to the test circuit VS = 22V; RL = 8
Ω, Rg = 50Ω, Tamb = 25°C).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
10
32
V
Iq
Total Quiescent Current
25
50
mA
DCVOS
Output DC Offset Referred to
SVR Potenial
No Input Signal
200
mV
VO
Quiescent Output Voltage
Vs = 22V
11
V
PO
Output Power
THD = 10%; RL = 8
Ω; Vs = 22V
5
5.5
W
THD = 1%; RL = 8
Ω; Vs = 22V
4
W
THD = 10%; RL = 4
Ω; VCC = 12V
2.1
W
THD = 1%; RL = 4
Ω; VCC = 12V
1.0
W
THD
Total Harmonic Distortion
GV = 30dB; PO = 1W; f = 1KHz;
0.4
%
Ipeak
Output Peak Current
(internally limited)
1
1.3
A
Vin
Input Signal
2.8
Vrms
GV
Closed Loop Gain
28.5
30
31.5
dB
TDA7496S
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com