Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7496 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7496
Description  5W5W AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7496 Datasheet HTML 1Page - STMicroelectronics TDA7496 Datasheet HTML 2Page - STMicroelectronics TDA7496 Datasheet HTML 3Page - STMicroelectronics TDA7496 Datasheet HTML 4Page - STMicroelectronics TDA7496 Datasheet HTML 5Page - STMicroelectronics TDA7496 Datasheet HTML 6Page - STMicroelectronics TDA7496 Datasheet HTML 7Page - STMicroelectronics TDA7496 Datasheet HTML 8Page - STMicroelectronics TDA7496 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TDA7496S
5W+5W AMPLIFIER
5+5W OUTPUT POWER
RL = 8
Ω @THD = 10% VCC = 22V
ST-BY AND MUTE FUNCTIONS
LOW TURN-ON TURN-OFF POP NOISE
NO BOUCHEROT CELL
NO ST-BY RC INPUT NETWORK
SINGLE SUPPLY RANGING UP TO 35V
SHORT CIRCUIT PROTECTION
THERMAL OVERLOAD PROTECTION
INTERNALLY FIXED GAIN
SOFT CLIPPING
MULTIWATT 15 PACKAGE
DESCRIPTION
The TDA7496 is a stereo 5+5W class AB power
amplifier assembled in the @ Multiwatt 15 pack-
age, specially designed for high quality sound, TV
applications.
Features of the TDA7496 include
Stand-by and
mute functions.
Jenuary 2000
®
OP AMP
+
-
MUTE/STBY
PROTECTIONS
1
470nF
INR
30K
OP AMP
+
-
30K
1000
µF
1000
µF
1
µF
10K
5
470nF
INL
8
S_GND
14
9
10
12
OUTR
STBY
MUTE
OUTL
11
PW_GND
470
µF
SVR
7
D99AU1015
VS
PW_GND
15
13
S1 ST-BY
+5V
S2 MUTE
+5V
S_GND
60K
BLOCK AND APPLICATION DIAGRAM
Multiwatt15
ORDERING NUMBER: TDA7496
MULTIPOWER BI50II TECHNOLOGY
1/10


Similar Part No. - TDA7496

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Apr-1998
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
236Kb / 11P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
Apr-1998
logo
Bookly Micro electronic
TDA7496L BOOKLY-TDA7496L Datasheet
181Kb / 10P
2 AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA7496

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Apr-1998
TDA7266D STMICROELECTRONICS-TDA7266D Datasheet
192Kb / 13P
5W5W DUAL BRIDGE AMPLIFIER
May-2003
logo
Unisonic Technologies
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
5W5W AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
5W Power Amplifier
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com