Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

030AS Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 030AS
Description  Aluminum Capacitors Axial Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

030AS Datasheet(HTML) 8 Page - Vishay Siliconix

  030AS Datasheet HTML 1Page - Vishay Siliconix 030AS Datasheet HTML 2Page - Vishay Siliconix 030AS Datasheet HTML 3Page - Vishay Siliconix 030AS Datasheet HTML 4Page - Vishay Siliconix 030AS Datasheet HTML 5Page - Vishay Siliconix 030AS Datasheet HTML 6Page - Vishay Siliconix 030AS Datasheet HTML 7Page - Vishay Siliconix 030AS Datasheet HTML 8Page - Vishay Siliconix 030AS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28327
186
Revision: 15-Oct-08
030/031 AS
Vishay BCcomponents
Aluminum Capacitors
Axial Standard
Table 5
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Case Ø D x L =3.3x11mm
Endurance
IEC 384-4/
EN130300
subclause 4.13
Tamb =85 °C ; UR applied;
1000 hours
ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
Z
≤ 3 x spec. limit
IL ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb =85 °C; UR and IR applied;
1500 hours
ΔC/C: ± 50 %
tan
δ≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 3 %
Shelf life
(storage at
high temperature)
IEC 384-4/
EN130300
subclause 4.17
Tamb = 85 °C; no voltage applied;
500 hours
After test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C, tan δ, Z:
for requirements
see ‘Endurance test’ above
IL ≤ 2 x spec. limit
Case Ø D L = 4.5 x 10 to 10 x 25 mm
Endurance
IEC 384-4/
EN130300
subclause 4.13
Tamb =85 °C; UR applied;
2000 hours
UR ≤ 6.3 V; ΔC/C: + 15/- 30 %
UR > 6.3 V; ΔC/C: ± 15 %
tan
δ≤ 1.3 x spec. limit
Z
≤ 2 x spec. limit
IL ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb =85 °C; UR and IR applied;
3000 hours
UR ≤ 6.3 V; ΔC/C: + 45/- 50 %
UR > 6.3 V; ΔC/C: ± 45 %
tan
δ≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1 %
Shelf life
(storage at
high temperature)
IEC 384-4/
EN130300
subclause 4.17
Tamb = 85 °C; no voltage applied;
500 hours
After test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C, tan δ,Z:
for requirements
see ‘Endurance test’ above
IL ≤ 2 x spec. limit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com