Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

030AS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 030AS
Description  Aluminum Capacitors Axial Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

030AS Datasheet(HTML) 1 Page - Vishay Siliconix

  030AS Datasheet HTML 1Page - Vishay Siliconix 030AS Datasheet HTML 2Page - Vishay Siliconix 030AS Datasheet HTML 3Page - Vishay Siliconix 030AS Datasheet HTML 4Page - Vishay Siliconix 030AS Datasheet HTML 5Page - Vishay Siliconix 030AS Datasheet HTML 6Page - Vishay Siliconix 030AS Datasheet HTML 7Page - Vishay Siliconix 030AS Datasheet HTML 8Page - Vishay Siliconix 030AS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 28327
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 15-Oct-08
179
030/031 AS
Vishay BCcomponents
Aluminum Capacitors
Axial Standard
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Axial leads, cylindrical aluminum case,
insulated with a blue sleeve
• Taped version available for automatic insertion
• Charge and discharge proof
• Useful life: 3000 hours at 85 °C
(case Ø D = 3.3 mm: 1500 hours)
• Standard dimensions
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• General
purpose
and
industrial,
automotive,
telecommunication, audio-video
• Coupling,
decoupling,
timing,
smoothing,
filtering,
buffering in SMPS
• Boards with restricted mounting height, vibration and
shock resistant
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (T for - 10 to + 50 %)
• Rated voltage (in V)
• Date code in accordance with IEC 60062
• Code factory of origin
• Name of manufacturer
• Band to indicate the negative terminal
• ‘+’ sign to identify the positive terminal
(not for case sizes L
< 18 mm)
• Series number (030 or 031)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
3.3 x 11
4.5 x 10
to 10 x 25
Rated capacitance range, CR
0.47 to 1000 µF
Tolerance on CR
- 10 to + 50 %
Rated voltage, UR
6.3 to 100 V
Category temperature range
- 40 to + 85 °C
Endurance test at 85 °C
1000 hours
2000 hours
Useful life at 85 °C
1500 hours
3000 hours
Useful life at 40 °C,
1.4 x IR applied
40 000 hours
80 000 hours
Shelf life at 0 V, 85 °C
500 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/085/56
Fig.1 Component outlines
030/031 AS
041/043 ASH
021 ASM
117 ASD
high
voltage
smaller
dimensions
RoHS
COMPLIANT


Similar Part No. - 030AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
030AS VISHAY-030AS Datasheet
179Kb / 9P
Aluminum Capacitors Axial Standard
13-Apr-12
030AS VISHAY-030AS Datasheet
181Kb / 9P
Aluminum Capacitors Axial Standard
24-Apr-12
030AS VISHAY-030AS Datasheet
185Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard
16-Sep-16
More results

Similar Description - 030AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
041-043ASH VISHAY-041-043ASH Datasheet
119Kb / 9P
Aluminum Capacitors Axial Standard, High Voltage
05-May-08
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
85째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
Aluminum Capacitors Axial Standard
13-Apr-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
Aluminum Capacitors Axial Standard Miniature
24-Oct-12
MAL203036109E3 VISHAY-MAL203036109E3 Datasheet
181Kb / 9P
Aluminum Capacitors Axial Standard
24-Apr-12
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard Miniature
16-Sep-16
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard
16-Sep-16
041ASH VISHAY-041ASH_V01 Datasheet
222Kb / 9P
Aluminum Electrolytic Capacitors Axial Standard, High Voltage
19-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com