Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7552 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7552
Description  DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7552 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7552 Datasheet HTML 4Page - STMicroelectronics TDA7552 Datasheet HTML 5Page - STMicroelectronics TDA7552 Datasheet HTML 6Page - STMicroelectronics TDA7552 Datasheet HTML 7Page - STMicroelectronics TDA7552 Datasheet HTML 8Page - STMicroelectronics TDA7552 Datasheet HTML 9Page - STMicroelectronics TDA7552 Datasheet HTML 10Page - STMicroelectronics TDA7552 Datasheet HTML 11Page - STMicroelectronics TDA7552 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TDA7550
ASR311 Automatic Speech Recognition solution
The TDA-7550 is a single-chip solution for isolated word speech recognition, featuring the Lernout &
Hauspie ASR311 Automatic Speech Recognition engine.
Word base recognition
Isolated word recognition
The words database is created from an extensive set of recordings,
with an equal distribution of speakers; the recordings are partially
taken in automotive conditions at low, medium and high speed.
Quasi-connected digit recognition
Minimum pause between two numbers 150ms.
Noise-robust recognition
The recognition is still very robust even in high noisy environment (as
automotive or industrial environments)
Speaker-independent recognition
Recognition is affected by selected language, no training is required
Speaker-dependent recognition
User words can be stored and mixed with speaker-independent words
Training phase
User words can be trained by repeating three times the selected word.
Recognition is guaranteed when the same speaker is talking.
Prompts
Voice prompts can be stored on FLASH for creating a voice-based
user interface
Control through I
2C
Management of the recognition engine, user words and voice prompts
is accomplished through an I
2C protocol: the TDA7550 appears as a
slave I
2C device.
Many languages available
Vocabularies in the following languages are available:
US English, French, German, Italian, Spanish, Japanese.
All the vocabularies have a common subset of about 150 words. Other
words and languages are available on request.
The external FLASH is used to store:
♦ Speaker Independent vocabulary (4 KB/word)
♦ User Words (4 KB/word)
♦ Voice prompts (11 KB/sec)
Sample rate:
11.025 kHz
Recognition rate:
> 95%
Maximum number of active words:
30
Maximum number of words:
450
Word memory requirements:
4 KB (speaker-independent)
4 KB (speaker-dependent)
Prompt memory requirements:
11 KB/s
audio amp
spkr
mic preamp
T
TD
DA
A7
75
55
50
0
F
FL
LA
AS
SH
H
b
ba
an
nk
k
µC
slave I
2C
EMI
ADC
DAC
Up to
4 MB
service request
Figure 1.
TDA7550R - TDA7550 - TDA7551 - TDA7552 - TDA7553
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com