Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7552 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7552
Description  DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7552 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7552 Datasheet HTML 4Page - STMicroelectronics TDA7552 Datasheet HTML 5Page - STMicroelectronics TDA7552 Datasheet HTML 6Page - STMicroelectronics TDA7552 Datasheet HTML 7Page - STMicroelectronics TDA7552 Datasheet HTML 8Page - STMicroelectronics TDA7552 Datasheet HTML 9Page - STMicroelectronics TDA7552 Datasheet HTML 10Page - STMicroelectronics TDA7552 Datasheet HTML 11Page - STMicroelectronics TDA7552 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.22
0.32
0.38
0.009
0.013
0.015
C
0.09
0.20
0.003
0.008
D
16.00
0.630
D1
14.00
0.551
D3
12.35
0.295
e
0.65
0.0256
E
16.00
0.630
E1
14.00
0.551
E3
12.35
0.486
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.0393
K3.5
°(min.), 7°(max.)
TQFP80
(14x14x1.40mm)
A
A2
A1
Seating Plane
C
20
21
40
41
60
61
80
E3
D3
E1
E
D1
D
e
1
B
TQFP80L
0.10mm
.004
PIN 1
IDENTIFICATION
K
L
L1
0.25mm
Gage plane
OUTLINE AND
MECHANICAL DATA
TDA7550R - TDA7550 - TDA7551 - TDA7552 - TDA7553
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com