Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP2136 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP2136
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP2136 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP2136 Datasheet HTML 1Page - Vishay Siliconix TSOP2136 Datasheet HTML 2Page - Vishay Siliconix TSOP2136 Datasheet HTML 3Page - Vishay Siliconix TSOP2136 Datasheet HTML 4Page - Vishay Siliconix TSOP2136 Datasheet HTML 5Page - Vishay Siliconix TSOP2136 Datasheet HTML 6Page - Vishay Siliconix TSOP2136 Datasheet HTML 7Page - Vishay Siliconix TSOP2136 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 82094
80
Rev. 2.1, 18-Jul-08
New TSOP21..
Vishay Semiconductors
IR Receiver Modules for
Remote Control Systems
Note
(1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating condtions for extended periods may affect the device reliability.
Note
(1) Tamb = 25 °C, unless otherwise specified
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Output Active Low
Fig. 2 - Pulse Length and Sensitivity in Dark Ambient
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage (pin 2)
VS
- 0.3 to + 6.0
V
Supply current (pin 2)
IS
5mA
Output voltage (pin 1)
VO
- 0.3 to 5.5
V
Voltage at output to supply
VS - VO
- 0.3 to (VS + 0.3)
V
Output current (pin 1)
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
- 25 to + 85
°C
Operating temperature range
Tamb
- 25 to + 85
°C
Power consumption
Tamb ≤ 85 °C
Ptot
10
mW
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
ELECTRICAL AND OPTICAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply current (pin 2)
Ev = 0, VS = 5 V
ISD
0.65
0.85
1.05
mA
Ev = 40 klx, sunlight
ISH
0.95
mA
Supply voltage
VS
2.7
5.5
V
Transmission distance
Ev = 0, test signal see fig. 1,
IR diode TSAL6200,
IF = 400 mA
d45
m
Output voltage low (pin 1)
IOSL = 0.5 mA, Ee = 0.7 mW/m2,
test signal see fig. 1
VOSL
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee min.
0.17
0.35
mW/m2
Maximum irradiance
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee max.
30
W/m2
Directivity
Angle of half transmission distance
ϕ
1/2
± 45
deg
Ee
T
tpi*)
t
VO
VOH
VOL
tpo2)
t
14337
Optical Test Signal
(IR diode TSAL6200, I
F = 0.4 A, N = 6 pulses,
f = f
0, t = 10 ms)
Output Signal
td1)
1) 3/f0 < td < 9/f0
2)
tpi - 4/f0 < tpo < tpi + 6/f0
*) tpi
6/fo is recommended for optimal function
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.1
1
10
102
103
104
105
E
e - Irradiance (mW/m²)
21391_1
Output Pulse Width
Input Burst Length
λ = 950 nm,
Optical Test Signal, Fig.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com