Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP2136 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP2136
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP2136 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP2136 Datasheet HTML 1Page - Vishay Siliconix TSOP2136 Datasheet HTML 2Page - Vishay Siliconix TSOP2136 Datasheet HTML 3Page - Vishay Siliconix TSOP2136 Datasheet HTML 4Page - Vishay Siliconix TSOP2136 Datasheet HTML 5Page - Vishay Siliconix TSOP2136 Datasheet HTML 6Page - Vishay Siliconix TSOP2136 Datasheet HTML 7Page - Vishay Siliconix TSOP2136 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 82094
www.vishay.com
Rev. 2.1, 18-Jul-08
81
New TSOP21..
IR Receiver Modules for
Remote Control Systems
Vishay Semiconductors
Fig. 3 - Output Function
Fig. 4 - Output Pulse Diagram
Fig. 5 - Frequency Dependence of Responsivity
Fig. 6 - Sensitivity in Bright Ambient
Fig. 7 - Sensitivity vs. Supply Voltage Disturbances
Fig. 8 - Sensitivity vs. Electric Field Disturbances
E e
t
VO
VOH
VOL
t
600 µs
600 µs
t = 60 ms
t on
t off
94 8134
Optical Test Signal
Output Signal, (see fig. 4)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
1
10
102
103
104
105
E
e - Irradiance (mW/m²)
21392_1
T
on
T
off
λ = 950 nm,
Optical Test Signal, Fig. 3
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.7
0.9
1.1
1.3
f/f0 - Relative Frequency
16926
f (3 dB) = f0/7
f = f
0 ± 5 %
0
1
1.5
4.5
0.5
2
2.5
3
3.5
4
5
E
e - Ambient DC Irradiance (W/m²)
0.01
0.1
1
10
100
21393_1
Wavelength of Ambient
Illumination:
λ = 950 nm
Correlation with Ambient Light Sources:
10 W/m2 = 1.4 kLx (Std. illum. A, T = 2855 K)
10 W/m2 = 8.2.kLx (Daylight, T = 5900 K)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
110
100
1000
ΔVs
RMS - AC Voltage on DC Supply Voltage (mV)
21394_1
f = f
0
f = 30 kHz
f = 20 kHz
f = 10 kHz
f = 100 Hz
0
50
100
150
200
250
300
350
400
450
500
0
500
1000
1500
2000
2500
3000
f - EMI Frequency (MHz)
20747



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com