Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7553 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7553
Description  DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7553 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7553 Datasheet HTML 3Page - STMicroelectronics TDA7553 Datasheet HTML 4Page - STMicroelectronics TDA7553 Datasheet HTML 5Page - STMicroelectronics TDA7553 Datasheet HTML 6Page - STMicroelectronics TDA7553 Datasheet HTML 7Page - STMicroelectronics TDA7553 Datasheet HTML 8Page - STMicroelectronics TDA7553 Datasheet HTML 9Page - STMicroelectronics TDA7553 Datasheet HTML 10Page - STMicroelectronics TDA7553 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
addressable DRAM
– Refresh rate for DRAM can be chosen
among sixteen divide factors
– SRAM or DRAM relative addressing modes
– 2
22=4MBytes addressable SRAM
– Four SRAM Timing choices
– Two Read Offset Register
PLL
The Euterpe clock system generates the fol-
lowing clocks:
– DCLK
the DSP core clock
– MCLK
CODEC master clock
– LRCLK
left/right clock for the SAI and
the CODEC
– SCLK
shift serial clock for the SAI and
the CODEC
The output of the PLL operates from 70 to 140
MHz. The DSP core can operate with a clock
up to 50 MHz.
From the VCO output the audio clock are de-
rived.
CODEC
The main features of the CODEC are listed be-
low:
– one 16-bit Delta Sigma Stereo ADC
– 80 dB Dynamic Range
– Oversampling Ratio: 128
– one 16-bit Delta Sigma Stereo DAC
– 80 dB Dynamic Range
– Interpolating Ratio: 128
– Sampling rates of 4kHz to 48kHz
– Signal Noise Ratio: 80 dB Typ.
The analog interface is in the form of differen-
tial signals for each channel. The interface on
the digital side has the form of an SAI interface
and can interface directly to an SAI channel
and then to the DSP core.
DEVICE versions
Part No.
Internal
Program
Memory
Function
Serial I/F
External
Memory
Audio
Input
Audio
Output
Software
TDA7550R
RAM
One of the
below
Master or
Slave I
2C
FLASH
or RAM
YES
(by appl.)
YES
(by appl.)
Custom
Specs.
TDA7550
ROM
Speech
Recognition
Slave I
2C
FLASH
YES, 1
(voice in)
YES
(prompts)
ASR-311
Engine by
Lernout &
Hauspie
TDA7551
Speaker
Verification
Slave I
2C
Optional
FLASH
YES, 1
(voice in)
YES
(prompts)
SV208
Engine by
Lernout &
Hauspie
TDA7552
Text-To-
Speech
Slave I
2C
–
NO
YES
(voice out)
TTS3000
Engine by
Lernout &
Hauspie
TDA7553
SF/FDE
Master
I
2C or SPI
(RAM)
YES, 1
(voice in)
YES
(filtered)
Engine by
NCTI
Note: TDA7550 requires word databases on FLASH (cfr. Document words)
TDA7550R - TDA7550 - TDA7551 - TDA7552 - TDA7553
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com