Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7553 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7553
Description  DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7553 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7553 Datasheet HTML 1Page - STMicroelectronics TDA7553 Datasheet HTML 2Page - STMicroelectronics TDA7553 Datasheet HTML 3Page - STMicroelectronics TDA7553 Datasheet HTML 4Page - STMicroelectronics TDA7553 Datasheet HTML 5Page - STMicroelectronics TDA7553 Datasheet HTML 6Page - STMicroelectronics TDA7553 Datasheet HTML 7Page - STMicroelectronics TDA7553 Datasheet HTML 8Page - STMicroelectronics TDA7553 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
N.
Name
Type
Description
69
XTI
I
Crystal Oscillator Input. Crystal Oscillator Input drive
70
PGND
O
PLL Ground Input. Ground connection for Oscillator circuit
71
PVCC
I
PLL Power Supply Positive. Supply for PLL Clock Oscillator
72
XTO
O
Crystal Oscillator Output. Crystal Oscillator Output drive
73
ALE
O
EMI Address Latch Enable. This pin acts as the EMI Address Latch Enable for the
External Memory Interface
74
GND
I
Ground
75
DRDN
O
EMI Read Enable. This pin serves as the read enable for the EMI
76
EMI_AD0
I/O
EMI Multiplexed Address/Data Line 0. these pin acts as the EMI multiplexed
address and data line 0
77
EMI_AD1
I/O
EMI Multiplexed Address/Data Line 1. these pin acts as the EMI multiplexed
address and data line 1
78
EMI_AD2
I/O
EMI Multiplexed Address/Data Line 2. these pin acts as the EMI multiplexed
address and data line 2
79
EMI_AD3
I/O
EMI Multiplexed Address/Data Line 3. these pin acts as the EMI multiplexed
address and data line 3
80
EMI_AD4
I/O
EMI Multiplexed Address/Data Line 4. these pin acts as the EMI multiplexed
address and data line 4
RECOMMENDED DC OPERATING CONDITIONS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Power Supply Volrage Range
3
3.3
3.6
V
TJ
Operating Junction Temp.
–40
125
°C
PIN FUNCTIONS (continued)
TDA7550R - TDA7550 - TDA7551 - TDA7552 - TDA7553
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com