Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7563 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7563
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7563 Datasheet HTML 6Page - STMicroelectronics TDA7563 Datasheet HTML 7Page - STMicroelectronics TDA7563 Datasheet HTML 8Page - STMicroelectronics TDA7563 Datasheet HTML 9Page - STMicroelectronics TDA7563 Datasheet HTML 10Page - STMicroelectronics TDA7563 Datasheet HTML 11Page - STMicroelectronics TDA7563 Datasheet HTML 12Page - STMicroelectronics TDA7563 Datasheet HTML 13Page - STMicroelectronics TDA7563 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TDA7563
10/20
The information related to the outputs status is read and memorized at the end of the current pulse top. The
acquisition time is 100 ms (typ.). No audible noise is generated in the process. As for SHORT TO GND / Vs the
fault-detection thresholds remain unchanged from 30 dB to 16 dB gain setting. They are as follows:
Concerning SHORT ACROSS THE SPEAKER / OPEN SPEAKER, the threshold varies from 30 dB to 16 dB
gain setting, since different loads are expected (either normal speaker's impedance or high impedance). The
values in case of 30 dB gain are as follows:
If the Line-Driver mode (Gv= 16 dB and Line Driver Mode diagnostic = 1) is selected, the same thresholds will
change as follows:
b) PERMANENT DIAGNOSTICS.
Detectable conventional faults are:
– SHORT TO GND
– SHORT TO Vs
– SHORT ACROSS THE SPEAKER
The following additional features are provided:
– OUTPUT OFFSET DETECTION
The TDA7563 has 2 operating statuses:
1 RESTART mode. The diagnostic is not enabled. Each audio channel operates independently from each
other. If any of the a.m. faults occurs, only the channel(s) interested is shut down. A check of the output
status is made every 1 ms (fig. 19). Restart takes place when the overload is removed.
2 DIAGNOSTIC mode. It is enabled via I2C bus and self activates if an output overload (such to cause
the intervention of the short-circuit protection) occurs to the speakers outputs . Once activated, the di-
agnostics procedure develops as follows (fig. 20):
D01AU1253
S.C. to GND
x
S.C. to Vs
0V
1.8V
VS-1.8V
VS
x
Normal Operation
1.2V
VS-1.2V
S.C. across Load
x
Open Load
0V
1.5
Ω
70
Ω
Infinite
x
Normal Operation
0.5
Ω
130
Ω
D01AU1254
D01AU1252
S.C. across Load
x
Open Load
0
Ω
4.5
Ω
200
Ω
infinite
x
Normal Operation
1.5
Ω
400
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com